Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 61 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 57Page - Texas Instruments AMC7836IPAPR Datasheet HTML 58Page - Texas Instruments AMC7836IPAPR Datasheet HTML 59Page - Texas Instruments AMC7836IPAPR Datasheet HTML 60Page - Texas Instruments AMC7836IPAPR Datasheet HTML 61Page - Texas Instruments AMC7836IPAPR Datasheet HTML 62Page - Texas Instruments AMC7836IPAPR Datasheet HTML 63Page - Texas Instruments AMC7836IPAPR Datasheet HTML 64Page - Texas Instruments AMC7836IPAPR Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
61
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.8.2 DACn Data (High Byte) Register (address = 0x50 through 0x6F) [reset = 0x00]
Figure 93. DACn Data (High Byte) Register (R/W)
7
6
5
4
3
2
1
0
Reserved
DACn-DATA (11:8)
R/W-All zeros
R/W-All zeros
Table 42. DACn Data (High Byte) Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R/W
All zeros
Reserved for factory use
3-0
DACn-DATA (11:8)
R/W
All zeros
Stores the 12-bit data to be loaded to the DAC_n latches in
straight binary format. The straight binary format is used for all
DAC ranges.
7.6.9 Status Registers: Address 0x70 through 0x72
The AMC7836 device continuously monitors all general purpose analog inputs and local temperature sensor
during normal operation. When any input is out of the specified range N consecutive times, the corresponding
alarm bit is set (1). If the input returns to the normal range before N consecutive times, the corresponding alarm
bit remains clear (0). This configuration avoids any false alarms. When an alarm status occurs, the
corresponding alarm bit is set (1). When the corresponding bit in the ALARMOUT Source Registers is cleared
(0), the ALARMOUT pin is latched.
Whenever an alarm status bit is set, it remains set until the event that caused it is resolved and its status register
is read. Reading the Alarm Status Registers clears the alarm status bits. The alarm bit can only be cleared by
reading its Alarm Status register after the event is resolved, or by hardware reset, software reset, or power-on
reset. All alarm status bits are cleared when reading the Alarm Status registers, and all these bits are reasserted
if the out-of-limit condition still exists after the next conversion cycle, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com