Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 75 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 71Page - Texas Instruments AMC7836IPAPR Datasheet HTML 72Page - Texas Instruments AMC7836IPAPR Datasheet HTML 73Page - Texas Instruments AMC7836IPAPR Datasheet HTML 74Page - Texas Instruments AMC7836IPAPR Datasheet HTML 75Page - Texas Instruments AMC7836IPAPR Datasheet HTML 76Page - Texas Instruments AMC7836IPAPR Datasheet HTML 77Page - Texas Instruments AMC7836IPAPR Datasheet HTML 78Page - Texas Instruments AMC7836IPAPR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
75
AMC7836
www.ti.com
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
The AMC7836 example schematic uses the majority of the design parameters listed in Table 63.
Table 63. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
AVCC
5 V
AVEE
–12 V
IOVDD
3.3 V
DVDD
5 V
AVDD
5 V
AVSS banks
AVEE
ADC bipolar inputs
ADC[0-15]: –12.5 to 12.5 V input range
ADC unipolar inputs
LV_ADC[16-20]: 0 to 5 V range
DAC outputs
Sixteen Monotonic 12-bit DACs
Selectable ranges: 0 to 5 V, 0 to 10 V, –10 to 0 V or –5 to 0 V
Remote temperature sensing
IC temperature sensor (LM50) or thermistor
8.2.2 Detailed Design Procedure
Use the following parameters to facilitate the design process:
•
AVCC and AVEE voltage values
•
ADC input voltage range
•
DAC Output voltage Ranges
8.2.2.1 ADC Input Conditioning
The AMC7836 device has an ADC with 21 analog inputs for external voltage sensing. Sixteen of these inputs are
bipolar and the other five are unipolar. The bipolar inputs (ADC_0 through ADC_15) range is –12.5 to 12.5 V,
and the unipolar analog inputs (LV_ADC16 through LV_ADC20) range is 0 to 2 × Vref. The ADC operates from
an internal 2.5 V reference (Vref, measured at the REF_CMP pin). For additional noise filtering, a 4.7-µF
capacitor should be connected between the REF_CMP and AGND2 pins. A high-quality ceramic type NP0 or
X7R is recommended because of the optimal performance of the capacitor across temperature and very-low
dissipation factor.
The ADC timing signals are driven from an on-chip temperature compensated 4 MHz oscillator. The on-chip
oscillator is primarily responsible for the sampling frequency of the ADC. The sampling frequency of the ADC is
dynamic and dependent on the acquisition and conversion time of each channel. Table 64 lists the relationship
between the total update time and the internal oscillator frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com