Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 32Page - Texas Instruments AMC7836IPAPR Datasheet HTML 33Page - Texas Instruments AMC7836IPAPR Datasheet HTML 34Page - Texas Instruments AMC7836IPAPR Datasheet HTML 35Page - Texas Instruments AMC7836IPAPR Datasheet HTML 36Page - Texas Instruments AMC7836IPAPR Datasheet HTML 37Page - Texas Instruments AMC7836IPAPR Datasheet HTML 38Page - Texas Instruments AMC7836IPAPR Datasheet HTML 39Page - Texas Instruments AMC7836IPAPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
4096
ADC _ Code
Negative Temperature ( C)
4
q
ADC _ Code
Positive Temperature ( C)
4
q
36
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3.3 Internal Temperature Sensor
The AMC7836 device has an on-chip temperature sensor that measures the device die temperature. The normal
operating temperature range for the internal temperature sensor is limited by the operating temperature range of
the device (–40°C to 125°C).
The temperature sensor results are converted by the device ADC at a lower speed than the analog input
channels. The temperature can be monitored either continuously or as a single-time conversion depending on
whether the ADC is configured in auto mode or direct mode (see the Analog-to-Digital Converter (ADC) section
for more details). If the temperature sensor is not needed, it can be disabled in the ADC MUX configuration 2
register (address 0x15). When disabled, the temperature sensor output is not converted by the ADC.
The temperature sensor provides 0.25°C resolution over the operating temperature range. The temperature
value is stored in 12-bit two’s complement format in the temperature data registers (address 0x78 through 0x79).
Table 3. Temperature Sensor Data Format
TEMPERATURE (°C)
DIGITAL CODE
–40
1111 0110 0000
–25
1111 1001 1100
–10
1111 1101 1000
–0.25
1111 1111 1111
0
0000 0000 0000
0.25
0000 0000 0001
10
0000 0010 1000
25
0000 0110 0100
50
0000 1100 1000
75
0001 0010 1100
100
0001 1001 0000
105
0001 1010 0100
125
0001 1111 0100
Use Equation 3 and Equation 4 to calculate the positive or negative temperature according to the polarity of the
temperature data MSB (0 - positive, 1 - negative).
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com