Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7836IPAPR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7836IPAPR
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7836IPAPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button AMC7836IPAPR Datasheet HTML 60Page - Texas Instruments AMC7836IPAPR Datasheet HTML 61Page - Texas Instruments AMC7836IPAPR Datasheet HTML 62Page - Texas Instruments AMC7836IPAPR Datasheet HTML 63Page - Texas Instruments AMC7836IPAPR Datasheet HTML 64Page - Texas Instruments AMC7836IPAPR Datasheet HTML 65Page - Texas Instruments AMC7836IPAPR Datasheet HTML 66Page - Texas Instruments AMC7836IPAPR Datasheet HTML 67Page - Texas Instruments AMC7836IPAPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
64
AMC7836
SLAS986C – NOVEMBER 2014 – REVISED APRIL 2016
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.10 GPIO: Address 0x7A
7.6.10.1 GPIO Register (address = 0x7A) [reset = 0xFF]
Figure 97. GPIO Register (R/W)
7
6
5
4
3
2
1
0
GPIO-7
GPIO-6
GPIO-5
GPIO-4
GPIO-3
GPIO-2
GPIO-1
GPIO-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Table 46. GPIO Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPIO-7
R/W
1
For write operation the GPIO pin operates as an output. Writing
a 1 to the GPIO-n bit sets the GPIO-N pin to high impedance.
Writing a 0 sets the GPIO-n pin to logic low.
For read operations the GPIO pin operates as an input. Read
the GPIO-n bit to receive the status of the GPIO-n pin.
The GPIO-n pin has 48-k
Ω input impedance to IOVDD.
6
GPIO-6
R/W
1
5
GPIO-5
R/W
1
4
GPIO-4
R/W
1
3
GPIO-3
R/W
1
2
GPIO-2
R/W
1
1
GPIO-1
R/W
1
0
GPIO-0
R/W
1
7.6.11 Out-Of-Range ADC Thresholds: Address 0x80 through 0x93
The unipolar analog inputs (LV_ADC16 to LV_ADC20) and the local temperature sensor implement an out-of-
range alarm function. The Upper-Thresh and Lower-Thresh registers define the upper bound and lower bounds
for these inputs. This window determines whether the analog input or temperature is out-of-range. When the
input is outside the window, the corresponding CH-ALR-n bit in the Status Register is set to 1. For normal
operation, the value of the upper threshold must be greater than the value of lower threshold; otherwise, an
alarm is always indicated. The analog input threshold values are specified in straight binary format while the local
temperature ones are specified in two’s complement format.
7.6.11.1 ADCn-Upper-Thresh (Low Byte) Register (address = 0x80 through 0x93) [reset = 0xFF]
Figure 98. ADCn-Upper-Thresh (Low Byte) Register (R/W)
7
6
5
4
3
2
1
0
THRUn(7:0)
R/W-All ones
Table 47. ADCn-Upper-Thresh (Low Byte) Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
THRUn(7:0)
R/W
All ones
Sets 12-bit upper threshold value for the ADC_n channel in
straight binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com