Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 28Page - National Semiconductor (TI) DP83847 Datasheet HTML 29Page - National Semiconductor (TI) DP83847 Datasheet HTML 30Page - National Semiconductor (TI) DP83847 Datasheet HTML 31Page - National Semiconductor (TI) DP83847 Datasheet HTML 32Page - National Semiconductor (TI) DP83847 Datasheet HTML 33Page - National Semiconductor (TI) DP83847 Datasheet HTML 34Page - National Semiconductor (TI) DP83847 Datasheet HTML 35Page - National Semiconductor (TI) DP83847 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
32
www.national.com
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83847. The Identifier consists of a
concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number and the model revision num-
ber. A PHY may return a value of zero in each of the 32 bits of the PHY Identifier if desired. The PHY Identifier is intended
to support network management. National's IEEE assigned OUI is 080017h.
Table 9. PHY Identifier Register #1 (PHYIDR1), address 0x02
Bit
Bit Name
Default
Description
15:0
OUI_MSB
<0010 0000 0000
0000>, RO/P
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are
stored in bits 15 to 0 of this register. The most significant two bits
of the OUI are ignored (the IEEE standard refers to these as bits 1
and 2).
Table 10. PHY Identifier Register #2 (PHYIDR2), address 0x03
Bit
Bit Name
Default
Description
15:10
OUI_LSB
<01 0111>, RO/P OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080017h) are mapped to bits 15 to 10 of
this register respectively.
9:4
VNDR_MDL
<00 0011>, RO/P Vendor Model Number:
The six bits of vendor model number are mapped to bits 9 to 4
(most significant bit to bit 9).
3:0
MDL_REV
<0000>, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped to bits
3 to 0 (most significant bit to bit 3). This field will be incremented for
all major device changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com