Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 2Page - National Semiconductor (TI) DP83847 Datasheet HTML 3Page - National Semiconductor (TI) DP83847 Datasheet HTML 4Page - National Semiconductor (TI) DP83847 Datasheet HTML 5Page - National Semiconductor (TI) DP83847 Datasheet HTML 6Page - National Semiconductor (TI) DP83847 Datasheet HTML 7Page - National Semiconductor (TI) DP83847 Datasheet HTML 8Page - National Semiconductor (TI) DP83847 Datasheet HTML 9Page - National Semiconductor (TI) DP83847 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
www.national.com
1.2 10 Mb/s and 100 Mb/s PMD Interface
RXD[3]
RXD[2]
RXD[1]
RXD[0]
O, PU/PD
26, 27, 29,
30
RECEIVE DATA: Nibble wide receive data (synchronous to cor-
responding RX_CLK, 25 MHz for 100BASE-TX mode, 2.5 MHz
for 10BASE-T nibble mode). Data is driven on the falling edge of
RX_CLK. RXD[2] has an internal pull-down resistor. The remain-
ing RXD pins have pull-ups.
RX_ER/PAUSE_EN
S, O, PU
33
RECEIVE ERROR: Asserted high to indicate that an invalid sym-
bol has been detected within a received packet in 100BASE-TX
mode.
RX_DV
O
31
RECEIVE DATA VALID: Asserted high to indicate that valid data
is present on the corresponding RXD[3:0] for nibble mode. Data
is driven on the falling edge of the corresponding RX_CLK.
Signal Name
Type
LLP Pin #
Description
Signal Name
Type
LLP Pin #
Description
TD+, TD-
O
10, 11
Differential common driver transmit output. These differential out-
puts are configurable to either 10BASE-T or 100BASE-TX signal-
ing.
The DP83847 will automatically configure the common driver out-
puts for the proper signal type as a result of either forced config-
uration or Auto-Negotiation.
RD-, RD+
I
6, 7
Differential receive input. These differential inputs can be config-
ured to accept either 100BASE-TX or 10BASE-T signaling.
The DP83847 will automatically configure the receive inputs to
accept the proper signal type as a result of either forced configu-
ration or Auto-Negotiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com