Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 40Page - National Semiconductor (TI) DP83847 Datasheet HTML 41Page - National Semiconductor (TI) DP83847 Datasheet HTML 42Page - National Semiconductor (TI) DP83847 Datasheet HTML 43Page - National Semiconductor (TI) DP83847 Datasheet HTML 44Page - National Semiconductor (TI) DP83847 Datasheet HTML 45Page - National Semiconductor (TI) DP83847 Datasheet HTML 46Page - National Semiconductor (TI) DP83847 Datasheet HTML 47Page - National Semiconductor (TI) DP83847 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
44
www.national.com
6.0 Electrical Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
Note:0 DC Electrical Specification
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to 5.5V
DC Output Voltage (VOUT)
-0.5V to 5.5V
Storage Temperature (TSTG)
-65oC to 150°C
Lead Temp. (TL)
(Soldering, 10 sec)
240 °C
ESD Rating
(RZAP = 1.5k, CZAP = 120 pF)
TPTD+/- ESD Rating
2.0 kV
1.0 kV
Supply voltage (VCC)
3.3 Volts + 0.3V
Ambient Temperature (TA)
0 to 70 °C
Max. die temperature (Tj)
150 °C
Max case temp
TBD °C
Thermal Characteristic
Max
Units
Theta Junction to Case (Tjc)
3.75
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0W
27.2
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
Input High Voltage Nominal VCC
1.5
V
VIL
I
I/O
Input Low Voltage
1.1
V
IIH
I
I/O
Input High Current VIN = VCC
1.1
µA
IIL
I
I/O
Input Low Current VIN = GND
-.15
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
.09
.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
Vcc - 0.5
Vcc - 0.25
V
VledOL
LED
Output Low
Voltage
* IOL = 2.5 mA
.4
V
VledOH
LED
Output High
Voltage
IOH = -2.5 mA
Vcc - 0.5
V
IOZH
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
.13
µA
I5IH
I/O,
O
5 Volt Tolerant
MII Leakage
VIN = 5.25 V
5.5
µA
I5OZH
I/O,
O
5 Volt Tolerant
MII Leakage
VOUT = 5.25 V
5.5
µA
RINdiff
RD
+/−
Differential Input
Resistance
1.2
k
Ω
VTPTD_100
TD
+/−
100M Transmit
Voltage
.99
V
VTPTDsym
TD
+/−
100M Transmit
Voltage Symmetry
+/-.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com