Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 4Page - National Semiconductor (TI) DP83847 Datasheet HTML 5Page - National Semiconductor (TI) DP83847 Datasheet HTML 6Page - National Semiconductor (TI) DP83847 Datasheet HTML 7Page - National Semiconductor (TI) DP83847 Datasheet HTML 8Page - National Semiconductor (TI) DP83847 Datasheet HTML 9Page - National Semiconductor (TI) DP83847 Datasheet HTML 10Page - National Semiconductor (TI) DP83847 Datasheet HTML 11Page - National Semiconductor (TI) DP83847 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
www.national.com
1.6 Strapping Options/Dual Purpose Pins
A 5 k
Ω resistor should be used for pull-down or pull-up to
change the default strap option. If the default option is
required, then there is no need for external pull-up or pull
down resistors, since the internal pull-up or pull down resis-
tors will set the default value. Please note that the
PHYAD[0:4] pins have no internal pull-ups or pull-downs
and they must be strapped. Since these pins may have
alternate functions after reset is deasserted, they should
not be connected directly to Vcc or GND.
Signal Name
Type
LLP Pin #
Description
LED_DPLX/PHYAD0
LED_COL/PHYAD1
LED_GDLNK/PHYAD2
LED_TX/PHYAD3
LED_RX/PHYAD4
S, O
23
22
21
20
19
PHY ADDRESS [4:0]: The DP83847 provides five PHY address
pins, the state of which are latched into the PHYCTRL register at
system Hardware-Reset.
The DP83847 supports PHY Address strapping values 0
(<00000>) through 31 (<11111>). PHY Address 0 puts the part
into the MII Isolate Mode. The MII isolate mode must be selected
by strapping Phy Address 0; changing to Address 0 by register
write will not put the Phy in the MII isolate mode.
The status of these pins are latched into the PHY Control Register
during Hardware-Reset. (Please note these pins have no internal
pull-up or pull-down resistors and they must be strapped high or
low using 5 k
Ω resistors.)
AN_EN
AN_1
AN_0
S, O, PU
17
16
15
Auto-Negotiation Enable: When high enables Auto-Negotiation
with the capability set by ANO and AN1 pins. When low, puts the
part into Forced Mode with the capability set by AN0 and AN1
pins.
AN0 / AN1: These input pins control the forced or advertised op-
erating mode of the DP83847 according to the following table.
The value on these pins is set by connecting the input pins to
GND (0) or VCC (1) through 5 kΩ resistors. These pins should
NEVER be connected directly to GND or VCC.
The value set at this input is latched into the DP83847 at Hard-
ware-Reset.
The float/pull-down status of these pins are latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset. After reset is deasserted, these
pins may switch to outputs so if pull-ups or pull-downs are imple-
mented, they should be pulled through a 5 k
Ω resistor.
The default is 111 since these pins have pull-ups.
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com