Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83847 Datasheet HTML 1Page - National Semiconductor (TI) DP83847 Datasheet HTML 2Page - National Semiconductor (TI) DP83847 Datasheet HTML 3Page - National Semiconductor (TI) DP83847 Datasheet HTML 4Page - National Semiconductor (TI) DP83847 Datasheet HTML 5Page - National Semiconductor (TI) DP83847 Datasheet HTML 6Page - National Semiconductor (TI) DP83847 Datasheet HTML 7Page - National Semiconductor (TI) DP83847 Datasheet HTML 8Page - National Semiconductor (TI) DP83847 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
www.national.com
1.0 Pin Descriptions
The DP83847 pins are classified into the following interface
categories (each interface is described in the sections that
follow):
— MII Interface
— 10/100 Mb/s PMD Interface
— Clock Interface
— Special Connect Pins
— LED Interface
— Strapping Options/Dual Function pins
—Reset
— Power and Ground pins
Note: Strapping pin option (BOLD) Please see Section 1.6
for strap definitions.
All DP83847 signal pins are I/O cells regardless of the par-
ticular use. Below definitions define the functionality of the
I/O cells for each pin.
1.1 MII Interface
Type: I
Inputs
Type: O
Outputs
Type: I/O
Input/Output
Type OD
Open Drain
Type: PD,PU Internal Pulldown/Pullup
Type: S
Strapping Pin (All strap pins except PHY-
AD[0:4] have internal pull-ups or pull-
downs. If the default strap value is needed
to be changed then an external 5 k
Ω resistor
should be used. Please see Table 1.6 on
page 8 for details.)
Signal Name
Type
LLP Pin #
Description
MDC
I
25
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO
management data input/output serial interface which may be
asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MDIO
I/O, OD
24
MANAGEMENT DATA I/O: Bi-directional management instruc-
tion/data signal that may be sourced by the station management
entity or the PHY. This pin requires a 1.5 k
Ω pullup resistor.
CRS/LED_CFG
O, S
45
CARRIER SENSE: Asserted high to indicate the presence of car-
rier due to receive or transmit activity in 10BASE-T or 100BASE-
TX Half Duplex Modes, while in full duplex mode carrier sense is
asserted to indicate the presence of carrier due only to receive ac-
tivity.
COL
O
43
COLLISION DETECT: Asserted high to indicate detection of a
collision condition (simultaneous transmit and receive activity) in
10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with Heartbeat enabled this
pin are also asserted for a duration of approximately 1
µs at the
end of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this sig-
nal is always logic 0. There is no heartbeat function during 10
Mb/s full duplex operation.
TX_CLK
O
36
TRANSMIT CLOCK: 25 MHz Transmit clock outputs in
100BASE-TX mode or 2.5 MHz in 10BASE-T mode derived from
the 25 MHz reference clock.
TXD[3]
TXD[2]
TXD[1]
TXD[0]]
I
41, 40, 39,
38
TRANSMIT DATA: Transmit data MII input pins that accept nib-
ble data synchronous to the TX_CLK (2.5 MHz in 10BASE-T
Mode or 25 MHz in 100BASE-TX mode).
TX_EN
I
37
TRANSMIT ENABLE: Active high input indicates the presence of
valid nibble data on data inputs, TXD[3:0] for both 100 Mb/s or 10
Mb/s nibble mode.
TX_ER
I
35
TRANSMIT ERROR: In 100MB/s mode, when this signal is high
and the corresponding TX_EN is active the HALT symbol is sub-
stituted for data.
In 10 Mb/s this input is ignored.
RX_CLK
O, PU
32
RECEIVE CLOCK: Provides the 25 MHz recovered receive
clocks for 100BASE-TX mode and 2.5 MHz for 10BASE-T nibble
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com