Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 35Page - National Semiconductor (TI) DP83847 Datasheet HTML 36Page - National Semiconductor (TI) DP83847 Datasheet HTML 37Page - National Semiconductor (TI) DP83847 Datasheet HTML 38Page - National Semiconductor (TI) DP83847 Datasheet HTML 39Page - National Semiconductor (TI) DP83847 Datasheet HTML 40Page - National Semiconductor (TI) DP83847 Datasheet HTML 41Page - National Semiconductor (TI) DP83847 Datasheet HTML 42Page - National Semiconductor (TI) DP83847 Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
www.national.com
This counter provides information required to implement
the “SymbolErrorDuringCarrier” attribute within the PHY
managed object class of Clause 30 of the IEEE 802.3u
specification.
Table 18. Receiver Error Counter Register (RECR), address 0x15
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
7:0
RXERCNT[7:0]
0, RW / COR
RX_ER Counter:
This 8-bit counter increments for each receive error detected.
When a valid carrier is present and there is at least one occurrence
of an invalid data symbol. This event can increment only once per
valid carrier event. If a collision is present, the attribute will not in-
crement. The counter sticks when it reaches its max count.
Table 19. 100 Mb/s PCS Configuration and Status Register (PCSR), address 0x16
Bit
Bit Name
Default
Description
15:13
RESERVED
<00>, RO
RESERVED: Writes ignored, Read as 0.
12
BYP_4B5B
0, RW
Bypass 4B/5B Encoding:
1 = 4B5B encoder functions bypassed.
0 = Normal 4B5B operation.
11
FREE_CLK
0, RW
Receive Clock:
1 = RX_CK is free-running.
0 = RX_CK phase adjusted based on alignment.
10
TQ_EN
0, RW
100Mbs True Quiet Mode Enable:
1 = Transmit True Quiet Mode.
0 = Normal Transmit Mode.
9
SD FORCE PMA
0,RW
Signal Detect Force PMA:
1 = Forces Signal Detection in PMA.
0 = Normal SD operation.
8
SD_OPTION
1, RW
Signal Detect Option:
1 = Enhanced signal detect algorithm.
0 = Reduced signal detect algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com