Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 37Page - National Semiconductor (TI) DP83847 Datasheet HTML 38Page - National Semiconductor (TI) DP83847 Datasheet HTML 39Page - National Semiconductor (TI) DP83847 Datasheet HTML 40Page - National Semiconductor (TI) DP83847 Datasheet HTML 41Page - National Semiconductor (TI) DP83847 Datasheet HTML 42Page - National Semiconductor (TI) DP83847 Datasheet HTML 43Page - National Semiconductor (TI) DP83847 Datasheet HTML 44Page - National Semiconductor (TI) DP83847 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
41
www.national.com
Table 21. PHY Control Register (PHYCTRL), address 0x19
Bit
Bit Name
Default
Description
15:12
Unused
0, RO
11
PSR_15
0, RW
BIST Sequence select:
1 = PSR15 selected.
0 = PSR9 selected.
10
BIST_STATUS
0, RO/LL
BIST Test Status:
1 = BIST pass.
0 = BIST fail. Latched, cleared by write to BIST_ START bit.
9
BIST_START
0, RW
BIST Start:
1 = BIST start.
0 = BIST stop.
8
BP_STRETCH
0, RW
Bypass LED Stretching:
This will bypass the LED stretching for the Receive, Transmit and
Collision LEDs.
1 = Bypass LED stretching.
0 = Normal operation.
7
PAUSE_STS
0, RO
Pause Compare Status:
0 = Local Device and the Link Partner are not Pause capable.
1 = Local Device and the Link Partner are both Pause capable.
6
RESERVED
1, RO/P
Reserved: Must be 1.
5
LED_CNFG
Strap, RW
This bit is used to bypass the selective inversion on the LED output
for DPLX - this enables its use in non-LED applications.
Mode Description
1 = Led polarity adjusted - DPLX selected.
0 = DPLX active HIGH.
4:0
PHYADDR[4:0]
Strap, RW
PHY Address: PHY address for port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com