Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83847 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 3Page - National Semiconductor (TI) DP83847 Datasheet HTML 4Page - National Semiconductor (TI) DP83847 Datasheet HTML 5Page - National Semiconductor (TI) DP83847 Datasheet HTML 6Page - National Semiconductor (TI) DP83847 Datasheet HTML 7Page - National Semiconductor (TI) DP83847 Datasheet HTML 8Page - National Semiconductor (TI) DP83847 Datasheet HTML 9Page - National Semiconductor (TI) DP83847 Datasheet HTML 10Page - National Semiconductor (TI) DP83847 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
www.national.com
1.3 Clock Interface
1.4 Special Connections
1.5 LED Interface
Signal Name
Type
LLP Pin #
Description
X1
I
49
REFERENCE CLOCK INPUT 25 MHz: This pin is the primary
clock reference input for the DP83847 and must be connected to
a 25 MHz 0.005% (
±50 ppm) clock source. The DP83847 sup-
ports CMOS-level oscillator sources.
X2
O
48
REFERENCE CLOCK OUTPUT 25 MHz: This pin is the primary
clock reference output.
Signal Name
Type
LLP Pin #
Description
RBIAS
I
3
Bias Resistor Connection. A 10.0 k
Ω 1% resistor should be con-
nected from RBIAS to GND.
C1
O
42
Reference Bypass Regulator. Parallel caps, 10
µ F (Tantalum pre-
ferred) and .1
µF, should be placed close to C1 and connected to
GND. See Section 3.8 for proper placement.
RESERVED
I/O
1, 2, 4, 5, 8,
9, 12, 13,
34, 44, 47,
50, 51, 52,
53, 54, 55,
61
RESERVED: These pins must be left unconnected
Signal Name
Type
LLP Pin #
Description
LED_DPLX/PHYAD0
S, O
23
FULL DUPLEX LED STATUS: Indicates Full-Duplex status.
LED_COL/PHYAD1
S, O
22
COLLISION LED STATUS: Indicates Collision activity in Half Du-
plex mode.
LED_GDLNK/PHYAD2
S, O
21
GOOD LINK LED STATUS: Indicates Good Link Status for
10BASE-T and 100BASE-TX.
LED_TX/PHYAD3
S, O
20
TRANSMIT LED STATUS: Indicates transmit activity. LED is on
for activity, off for no activity.
LED_RX/PHYAD4
S, O
19
RECEIVE LED STATUS: Indicates receive activity. LED is on for
activity, off for no activity.
LED_SPEED
O
18
SPEED LED STATUS: Indicates link speed; high for 100 Mb/s,
low for 10 Mb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com