Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 17Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 18Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 19Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 20Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 21Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 22Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 23Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 24Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
Time
Speed
Closed loop
Reverse Drive
Op2ClsThr
Open loop
RevDrThr
Coasting
U
V
W
60 degrees
±
+
+
±
21
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 11. Initial Speed Detect Function
If the UW comparator output is lagging the UV comparator by 60°, the motor is spinning forward. If the UW
comparator output is leading the UV comparator by 60°, the motor is spinning in reverse.
The motor speed is determined by measuring the time between two rising edges of either of the comparators.
If neither of the comparator outputs toggle for a given amount of time, the condition is defined as stationary. The
amount of time can be programmed by setting the register bits ISDThr[1:0].
9.4.3.2 Motor Resynchronization
The resynchronize function works when the ISD function is enabled and determines that the initial state of the
motor is spinning in the forward direction. The speed and position information measured during ISD are used to
initialize the drive state of the DRV10983, which can transition directly into the closed loop running state without
needing to stop the motor.
9.4.3.3 Reverse Drive
The ISD function measures the initial speed and the initial position; the DRV10983 reverse drive function acts to
reverse accelerate the motor through zero speed and to continue accelerating until the closed loop threshold is
reached (see Figure 12). If the reverse speed is greater than the threshold configured in RvsDrThr[1:0], then the
DRV10983 waits until the motor coasts to a speed that is less than the threshold before driving the motor to
reverse accelerate.
Figure 12. Reverse Drive Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com