Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 5 Page - Texas Instruments

  DRV10983ZPWPR Datasheet HTML 1Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
VCP
CPP
CPN
SW
SWGND
VREG
V1P8
GND
V3P3
SCL
SDA
FG
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PowerPAD
VCC
VCC
W
W
V
V
U
U
PGND
PGND
DIR
SPEED
5
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, NC = No connect, P = Power
6 Description (continued)
An I2C interface allows the user to reprogram specific motor parameters in registers and program the EEPROM
to help optimize the performance for a given application. The DRV10983 is available in a thermally-efficient
HTSSOP, 24-pin package with an exposed thermal pad. The operating temperature is specified from –40°C to
125°C.
7 Pin Configuration and Functions
PWP Package
24-Pin HTSSOP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
N/AME
NO.
VCP
1
P
Charge pump output.
CPP
2
P
Charge pump pin 2, use a ceramic capacitor between CPN and CPP.
CPN
3
P
Charge pump pin 1, use a ceramic capacitor between CPN and CPP.
SW
4
O
Step-down regulator switching node output.
SWGND
5
P
Step-down regulator ground.
VREG
6
P
Step-down regulator output and feedback point.
V1P8
7
P
Internal 1.8-V digital core voltage. V1P8 capacitor must connect to GND. This is an output, but not
specified to drive external loads.
GND
8
P
Digital and analog ground.
V3P3
9
P
Internal 3.3-V supply voltage. V3P3 capacitor must connect to GND. This is an output and may drive
external loads not to exceed IV3P3_MAX.
SCL
10
I
I2C clock signal.
SDA
11
I/O
I2C data signal.
FG
12
O
FG signal output.
SPEED
13
I
Speed control signal for PWM or analog input speed command.
DIR
14
I
Direction.
PGND
15
P
Power ground.
16
U
17
O
Motor U phase.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com