Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 25Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 26Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 27Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
Phase
Voltage
Phase
Current
Phase
BEMF
t
adv
29
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 25. Advance Time (tadv) Definition
The DRV10983 has two options for adjusting the motor commutate advance time. When CtrlAdvMd = 0, mode 0
is selected. When CtrlAdvMd = 1, mode 1 is selected.
Mode 0: tadv is maintained to be a fixed time relative to the estimated BEMF zero cross as determined by
Equation 3.
tadv = tSETTING
(3)
Mode 1: tadv is maintained to be a variable time relative to the estimated BEMF zero cross as determined by
Equation 4.
tadv = tSETTING × (U-BEMF)/U.
where
•
U is the phase voltage amplitude
•
BEMF is phase BEMF amplitude
(4)
tSETTING (in µs) is determined by the configuration of the TCtrlAdv [6:4] and TCtrlAdv [3:0] bits as defined in
Equation 5. For convenience, the available tSETTING values are provided in Table 5.
tSETTING = 2.5 µs × [TCtrlAdv[3:0]] << TCtrlAdv[6:4]
(5)
Table 5. Configuring Commutation Advance Timing by Adjusting tSETTING
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
tSETTING (µs)
TCtrlAdv
[6:0]
HEX
0.0
0000000
00
90
0101001
29
800
1011010
5A
2.5
0000001
01
100
0101010
2A
880
1011011
5B
5
0000010
02
110
0101011
2B
960
1011100
5C
7.5
0000011
03
120
0101100
2C
1040
1011101
5D
10
0000100
04
130
0101101
2D
1120
1011110
5E
12.5
0000101
05
140
0101110
2E
1200
1011111
5F
15
0000110
06
150
0101111
2F
1280
1101000
68
17.5
0000111
07
160
0111000
38
1440
1101001
69
20
0001000
08
180
0111001
39
1600
1101010
6A
22.5
0001001
09
200
0111010
3A
1760
1101011
6B
25
0001010
0A
220
0111011
3B
1920
1101100
6C
27.5
0001011
0B
240
0111100
3C
2080
1101101
6D
30
0001100
0C
260
0111101
3D
2240
1101110
6E
32.5
0001101
0D
280
0111110
3E
2400
1101111
6F
35
0001110
0E
300
0111111
3F
2560
1111000
78
37.5
0001111
0F
320
1001000
48
2880
1111001
79
40
0011000
18
360
1001001
49
3200
1111010
7A
45
0011001
19
400
1001010
4A
3520
1111011
7B
50
0011010
1A
440
1001011
4B
3840
1111100
7C
55
0011011
1B
480
1001100
4C
4160
1111101
7D
60
0011100
1C
520
1001101
4D
4480
1111110
7E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com