Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDIG_IH
PWM input high voltage
2.2
V
VDIG_IL
PWM input low voltage
0.6
V
ƒPWM
PWM input frequency
1
100
kHz
SLEEP/STANDBY CONDITION
VEN_SL_SB
Analog voltage-to-enter
sleep/standby
SpdCtrlMd = 0 (analog mode)
30
mV
VEX_SL
Analog voltage-to-exit sleep
SpdCtrlMd = 0 (analog mode)
2.2
3.3
V
VEX_SB
Analog voltage-to-exit
standby
SpdCtrlMd = 0 (analog mode)
120
mV
tEX_SL
Time-to-exit from sleep mode
SpdCtrlMd = 0 (analog mode)
SPEED > VDIG_IH
1
µs
tEX_SB
Time-to-exit from standby
mode
SpdCtrlMd = 0 (analog mode)
SPEED > VEX_SB
700
ms
tEX_SL_SB
Time-to-exit from sleep or
standby condition
SpdCtrlMd = 1 (PWM mode)
SPEED > VDIG_IH
1
µs
tEN_SL_SB
Time-to-enter sleep or
standby condition
SpdCtrlMd = 1 (PMW mode)
SPEED < VDIG_IL
5
ms
DIGITAL I/O (DIR INPUT AND FG OUTPUT)
VDIR_H
Input high
2.2
V
VDIR_L
Input low
0.6
V
IFG_SINK
Output sink current
Vout = 0.3 V
5
mA
I2C SERIAL INTERFACE
VI2C_H
Input high
2.2
V
VI2C_L
Input low
0.6
V
LOCK DETECTION RELEASE TIME
tLOCK_OFF
Lock release time
5
s
tLCK_ETR
Lock enter time
0.3
s
OVERCURRENT PROTECTION
IOC_limit
Overcurrent protection
TA = 25˚C; phase to phase
3
4
A
THERMAL SHUTDOWN
TSDN
Shutdown temperature
threshold
Shutdown temperature
150
°C
TSDN_HYS
Shutdown temperature
threshold
Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com