Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 12Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 13Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 14Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 15Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 16Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
VCC
SWGND
IC
SW
VREG
3.3 V/5 V
Load
47 µH
10 µF
VCC
SWGND
IC
SW
VREG
3.3 V/5 V
39
10 µF
13
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Regulators
9.3.1.1 Step-Down Regulator
The DRV10983 includes a step-down voltage regulator that can be operated as either a switching buck style
regulator or as a linear regulator (see Figure 4). The regulator output voltage can be configured by register bit
VregSel. When VregSel = 0, the regulator output voltage is 5 V, and when VregSel = 1, the regulator output
voltage is 3.3 V.
If the step-down regulator is configured as buck style, refer to IREG_MAX in the Electrical Characteristics to
determine the amount of current provided for external load. If the step-down regulator is configured as linear
mode, it is used for the device internal circuit only.
Buck Regulator
Linear Regulator
Figure 4. Step-Down Regulator Configurations
9.3.1.2 3.3-V and 1.8-V LDO
The DRV10983 includes a 3.3-V LDO and an 1.8-V LDO. The 1.8-V LDO is for internal circuit only. The 3.3-V
LDO is mainly for internal circuits, but can also drive external loads not to exceed IV3P3_MAX listed in the Electrical
Characteristics . For example, it can work as a pullup voltage for the FG, DIR, SDA, and SCL interface.
Both V1P8 and V3P3 capacitor must be connected to GND.
9.3.2 Protection Circuits
9.3.2.1 Thermal Shutdown
The DRV10983 has a built-in thermal shutdown function, which shuts down the device when junction
temperature is more than TSDN ˚C and recovers operating conditions when junction temperature falls to TSDN –
TSDN_HYS˚C.
The OverTemp status bit (address 0x10 bit 7) is set during thermal shutdown.
9.3.2.2 UVLO
The DRV10983 has a built-in UVLO function block. The hysteresis of UVLO threshold is VUVLO-HYS. The device is
locked out when VCC is down to VUVLO_F and woke up at VUVLO_R.
9.3.2.3 Current Protection
The overcurrent shutdown function acts to protect the device if the current, as measured from the FETs, exceeds
the IOC-limit threshold. It protects the device from phase to phase short-circuit conditions; the DRV10983 places
the output drivers into a high-impedance state and maintains this condition until the overcurrent is no longer
present. The OverCurr status bit (address 0x10 bit 5) is set.
The DRV10983 also provides acceleration current limit and lock detection current limit functions to protect the
device and motor (see Current Limit and Lock Detect and Fault Handling ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com