Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 28Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 29Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 30Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 31Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 32Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 33Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Kt
Ktc
Lock detect
Kt_low
Kt_high
BEMF2 = Kt × speed
I
U
BEMF1 = U – I × Rm
Lock detected if BEMF2 > U
Rm
M
32
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9.4.7.2 Lock1: Abnormal Speed
If motor is operating normally, the motor BEMF should always be less than output amplitude. The DRV10983
uses two methods of monitoring the BEMF in the system. The U phase current is monitored to maintain an
estimate of BEMF based on the setting for Rm[6:0]. In addition, the BEMF is estimated based on the operation
speed of the motor and the setting for Kt[6:0]. Figure 29 shows the method for using this information to detect a
lock condition. If motor BEMF is much higher than output amplitude for a certain period of time, tLCK_ETR, it means
the estimated speed is wrong, and the motor has gotten out of phase.
Figure 29. Lock Detection 1
9.4.7.3 Lock2: Abnormal Kt
For any given motor, the integrated value of BEMF during half of an electrical cycle is constant. It is determined
by motor velocity constant (KtPH) (see Figure 30). It is true regardless of whether the motor is running fast or
slow. This constant value is continuously monitored by calculation and used as criteria to determine the motor
lock condition. It is referred to as Ktc.
Based on the KtPH value programmed, create a range from Kt_low to Kt_high, if the Ktc goes beyond the range
for a certain period of time, tLCK_ETR, lock is detected. Kt_low and Kt_high are determined by KtLckThr[1:0] (see
Figure 31).
Figure 30. BEMF Integration
Figure 31. Abnormal Kt Lock Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com