Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 10Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 11Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (DRV10983)
IVcc
Supply current
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 24 V; buck regulator
3.5
5
mA
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 24 V; linear regulator
11
IVccSTBY
Standby current
TA = 25°C; SPEED = 0 V; V(VCC) = 24 V;
standby mode device; buck regulator
3
4
mA
TA = 25°C; SPEED = 0 V; V(VCC) = 24 V;
standby mode device; linear regulator
9
SUPPLY CURRENT (DRV10983Z)
IVcc
Supply current
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 24 V; buck regulator
3.5
5
mA
TA = 25°C; sleepDis = 1; SPEED = 0 V;
V(VCC) = 24 V; linear regulator
11
IVccSLEEP
Sleep current
TA = 25°C; SPEED = 0 V; V(VCC) = 24 V;
sleep mode device; buck regulator
160
200
µA
UVLO
VUVLO_R
UVLO threshold voltage
Rise threshold, TA = 25°C
7
7.4
8
V
VUVLO_F
UVLO threshold voltage
Fall threshold, TA = 25°C
6.7
7.1
7.5
V
VUVLO_HYS
UVLO threshold voltage
hysteresis
TA = 25°C
200
300
400
mV
LDO OUTPUT
V3P3
V(VCC) = 24 V, TA = 25°C, VregSel = 0,
5-mA load
3
3.3
3.6
V
V(VCC) = 24 V, TA = 25°C, VregSel = 1,
V(VREG) < 3.3 V, 5-mA load
V(VREG) – 0.3
V(VREG) – 0.1
V(VREG)
V(VCC) = 24 V, TA = 25°C, VregSel = 1,
V(VREG) ≥ 3.3 V, 5-mA load
3
3.3
3.6
IV3P3_MAX
Maximum load from V3P3
V(VCC) = 24 V, TA = 25°C
5
mA
V1P8
V(VCC) = 24 V, TA = 25°C, VregSel = 0
1.6
1.78
2
V
V(VCC) = 24 V, TA = 25°C, VregSel = 1
1.6
1.78
2
STEP-DOWN REGULATOR
VREG
Regulator output voltage
TA = 25˚C; VregSel = 0, LSW = 47 µH,
CSW = 10 µF, Iload = 50 mA
4.5
5
5.5
V
TA = 25˚C; VregSel = 1, LSW = 47 µH,
CSW = 10 µF, Iload = 50 mA
3.06
3.4
3.6
VREG_L
Regulator output voltage
(linear mode)
TA = 25°C, VregSel = 0, RSW = 39 Ω,
CSW = 10 µF
5
V
TA = 25°C, VregSel = 1, RSW = 39 Ω,
CSW = 10 µF
3.4
V
IREG_MAX
Maximum load from VREG
TA = 25°C, LSW = 47 µH, CSW = 10 µF
100
mA
INTEGRATED MOSFET
RDSON
Series resistance (H + L)
TA = 25˚C; V(VCC) = 24 V; V(VCP) = 29 V;
Iout = 1 A
0.25
0.4
Ω
TA = 85˚C; V(VCC) = 24 V; V(VCP) = 29 V;
Iout = 1 A
0.325
SPEED – ANALOG MODE
VAN/A_FS
Analog full speed voltage
V(V3P3) × 0.9
V
VAN/A_ZS
Analog zero speed voltage
100
mV
tSAM
Analog speed sample period
320
µs
VAN/A_RES
Analog voltage resolution
5.8
mV
SPEED – PWM DIGITAL MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com