Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV10983ZPWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 1 Page - Texas Instruments

  DRV10983ZPWPR Datasheet HTML 1Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
1
1 Features
1
•
Input Voltage Range: 8 to 28 V
•
Total Driver H + L RDSON: 250 mΩ
•
Drive Current: 2-A Continuous (3-A Peak)
•
Sensorless Proprietary Back Electromotive Force
(BEMF) Control Scheme
•
Continuous Sinusoidal 180° Commutation
•
No External Sense Resistor Required
•
For Flexibility User May Include External Sense
Resistor to Monitor Power Delivered to Motor
•
Flexible User Interface Options:
–
I2C Interface: Access Registers for Command
and Feedback
–
Dedicated SPEED Pin: Accepts Either Analog
or PWM Input
–
Dedicated FG Pin: Provides TACH Feedback
–
Spin Up Profile Customized With EEPROM
–
Forward/Reverse Control With DIR Pin
•
Integrated Buck/Linear Converter to Efficiently
Provide Voltage (5 V/3.3 V) for Internal and
External Circuits
•
Supply Current 3 mA With Standby Version
(DRV10983)
•
Supply Current 180
μA With Sleep Version
(DRV10983Z)
•
Overcurrent Protection
•
Lock Detection
•
Voltage Surge Protection
•
UVLO Protection
•
Thermal Shutdown Protection
•
Thermally-Enhanced 24-Pin HTSSOP
2 Applications
•
Appliance Fan
•
HVAC
3 Description
DRV10983 is a three-phase sensorless motor driver
with integrated power MOSFETs, which can provide
continuous drive current up to 2 A. The device is
specifically designed for cost-sensitive, low-noise/low
external component count applications.
The DRV10983 uses a proprietary sensorless control
scheme to provide continuous sinusoidal drive, which
significantly reduces the pure tone acoustics that
typically occur as a result of commutation. The
interface to the device is designed to be simple and
flexible. The motor can be controlled directly through
PWM, analog, or I2C inputs. Motor speed feedback is
available through either the FG pin or I2C.
The DRV10983 features an integrated buck/linear
regulator to efficiently step down the supply voltage to
either 5 or 3.3 V for powering both internal and
external circuits. The device is available in either a
sleep mode or a standby mode version to conserve
power when the motor is not running. The standby
mode (3-mA) version leaves the regulator running
and the sleep mode (180-µA) version shuts it off. Use
the standby mode version in applications where the
regulator is used to power an external microcontroller.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV10983
HTSSOP (24)
7.80 mm × 6.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - DRV10983ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10983 TI1-DRV10983 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983QPWPRQ1 TI1-DRV10983QPWPRQ1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983SQPWPRQ1 TI1-DRV10983SQPWPRQ1 Datasheet
1Mb / 72P
Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10983ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987 Datasheet
1Mb / 69P
DRV10987 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com