Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 40Page - National Semiconductor (TI) DP83902AV Datasheet HTML 41Page - National Semiconductor (TI) DP83902AV Datasheet HTML 42Page - National Semiconductor (TI) DP83902AV Datasheet HTML 43Page - National Semiconductor (TI) DP83902AV Datasheet HTML 44Page - National Semiconductor (TI) DP83902AV Datasheet HTML 45Page - National Semiconductor (TI) DP83902AV Datasheet HTML 46Page - National Semiconductor (TI) DP83902AV Datasheet HTML 47Page - National Semiconductor (TI) DP83902AV Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
130 Bus Arbitration and Timing (Continued)
mine whether the packet matches its Physical Address Reg-
isters or maps to one of its Multicast Registers This causes
the FIFO to accumulate 8 bytes Furthermore there are
some synchronization delays in the DMA PLA Thus the
actual time that BREQ is asserted from the time the Start of
Frame Delimiter (SFD) is detected is 78 ms This operation
affects the bus latencies at 2- and 4-byte thresholds during
the first receive BREQ since the FIFO must be filled to 8
bytes (or 4 words) before issuing a BREQ
FIFO Operation at the End of Receive
When Carrier Sense goes low the ST-NIC enters its end of
packet processing sequence emptying its FIFO and writing
the status information at the beginning of the packet
Figure
5 The ST-NIC holds onto the bus for the entire sequence
The longest time BREQ may be extended occurs when a
packet ends just as the ST-NIC performs its last FIFO burst
The ST-NIC in this case performs a programmed burst
transfer followed by flushing the remaining bytes in the
FIFO and completes by writing the header information to
memory The following steps occur during this sequence
1 ST-NIC issues BREQ because the FIFO threshold has
been reached
2 During the burst packet ends resulting in BREQ extend-
ed
3 ST-NIC flushes remaining bytes from FIFO
4 ST-NIC performs internal processing to prepare for writ-
ing the header
5 ST-NIC writes 4-byte (2-word) header
6 ST-NIC deasserts BREQ
End of Packet Processing (EOPP) times for 10 MHz and
20 MHz have been tabulated in the table below
Mode
Threshold
Bus Clock
EOPP
Byte
2 Bytes
70 ms
4 Bytes
10 MHz
86 ms
8 Bytes
110 ms
Byte
2 Bytes
36 ms
4 Bytes
20 MHz
42 ms
8 Bytes
50 ms
Word
2 Bytes
54 ms
4 Bytes
10 MHz
62 ms
8 Bytes
74 ms
Word
2 Bytes
30 ms
4 Bytes
20 MHz
32 ms
8 Bytes
36 ms
End of Packet Processing Times for Various FIFO
Thresholds Bus Clocks and Transfer Modes
Threshold Detection (Bus Latency)
To assure that no overwriting of data in the FIFO occurs the
FIFO logic flags a FIFO overrun as the 13th byte is written
into the FIFO effectively shortening the FIFO to 13 bytes
The FIFO logic also operates differently in Byte Mode and in
Word Mode In Byte Mode a threshold is indicated when
the na1 byte has entered the FIFO thus with an 8-byte
threshold the ST-NIC issues Bus Request (BREQ) when
the 9th byte has entered the FIFO For Word Mode BREQ
is not generated until the na2 bytes have entered the FIFO
Thus with a 4-word threshold (equivalent to 8-byte thresh-
old) BREQ is issued when the 10th byte has entered the
FIFO The two graphs following indicate the maximum al-
lowable bus latency for Word and Byte transfer modes
End of Packet Processing
TLF11157 – 58
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com