Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83902AV Datasheet HTML 1Page - National Semiconductor (TI) DP83902AV Datasheet HTML 2Page - National Semiconductor (TI) DP83902AV Datasheet HTML 3Page - National Semiconductor (TI) DP83902AV Datasheet HTML 4Page - National Semiconductor (TI) DP83902AV Datasheet HTML 5Page - National Semiconductor (TI) DP83902AV Datasheet HTML 6Page - National Semiconductor (TI) DP83902AV Datasheet HTML 7Page - National Semiconductor (TI) DP83902AV Datasheet HTML 8Page - National Semiconductor (TI) DP83902AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
20 Pin Description (Continued)
PQFP
PLCC
AVJG
Pin
IO
Description
Pin No
Pin No
Pin No
Name
BUS INTERFACE PINS
(Continued)
4 – 8
12 – 23
2 – 4 6
AD0 –
IO Z
MULTIPLEXED ADDRESSDATA BUS
10 – 12
28 – 31
7 9 – 15
AD15
 Register Access with DMA inactive CS low and ACK returned from
14 15 17
20 – 23
DP83902A pins AD0–AD7 are used to read and write register data AD8–
18 22 23
AD15 float during IO transfers SRD SWR pins are used to select
25 26
direction of transfer
 Bus Master with BACK input asserted
During t1 of memory cycle AD0 – AD15 contain address
During t2 t3 t4 AD0 – AD15 contain data (word transfer mode)
During t2 t3 t4 AD0–AD7 contain data AD8–AD15 contain address (byte
transfer mode)
Direction of transfer is indicated by DP83902A on MWR MRD lines
27
32
25
ADS0
IO Z
ADDRESS STROBE 0
 Input with DMA inactive and CS low latches RA0–RA3 inputs on falling
edge If high data present on RA0–RA3 will flow through latch
 Output When Bus Master latches address bits (AD0–AD15) to external
memory during DMA transfers
28
33
26
CS
I
CHIP SELECT
Chip Select places controller in slave mode for mP access to
internal registers Must be valid through data portion of bus cycle RA0 – RA3
are used to select the internal register SWR and SRD select direction of
data transfer
29
34
27
MWR
O Z
MASTER WRITE STROBE
(Strobe for DMA transfers)
Active low during write cycles (t2 t3 tw) to buffer memory Rising edge
coincides with the presence of valid output data TRI-STATE until BACK
asserted
30
35
28
MRD
O Z
MASTER READ STROBE
(Strobe for DMA transfers)
Active during read cycles (t2 t3 tw) to buffer memory Input data must be
valid on rising edge of MRD TRI-STATE until BACK asserted
31
36
29
SWR
I
SLAVE WRITE STROBE
Strobe from CPU to write an internal register
selected by RA0 – RA3 Data is latched into the DP83902A on the rising
edge of this input
32
37
30
SRD
I
SLAVE READ STROBE
Strobe from CPU to read an internal register
selected by RA0 – RA3 The register data is output when SRD goes low
33
38
31
ACK
O
ACKNOWLEDGE
Active low when DP83902A grants access to CPU Used
to insert WAIT states to CPU until DP83902A is synchronized for a register
read or write operation
36
40
34
BSCK
I
BUS CLOCK
This clock is used to establish the period of the DMA memory
cycle Four clock cycles (t1 t2 t3 t4) are used per DMA cycle DMA
transfers can be extended by one BSCK increment using the READY input
37
41
35
RACK
I
READ ACKNOWLEDGE
Indicates that the system DMA or host CPU has
read the data placed in the external latch by the DP83902A The DP83902A
will begin a read cycle to update the latch
39
42
36
PWR
O
PORT WRITE
Strobe used to latch data from the DP83902A into external
latch for transfer to host memory during Remote Read transfers The rising
edge of PWR coincides with the presence of valid data on the local bus
41
43
37
READY
I
READY
This pin is set high to insert wait states during a DMA transfer The
DP83902A will sample this signal at t3 during DMA transfers
42
44
39
PRQ
O Z
PORT REQUESTADDRESS STROBE 1
ADS1
 32-BIT MODE If LAS is set in the Data Configuration Register this line is
programmed as ADS1 It is used to strobe addresses A16 – A31 into
external latches (A16 – A31 are the fixed addresses stored in RSAR0
RSAR1) ADS1 will remain at TRI-STATE until BACK is received
 16-BIT MODE If LAS is not set in the Data Configuration Register this
line is programmed as PRQ and is used for Remote DMA Transfers The
DP83902A initiates a single remote DMA read or write operation by
asserting this pin In this mode PRQ will be a standard logic output
Note
This line will power up as TRI-STATE until the Data Configuration Register is programmed
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com