Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 47Page - National Semiconductor (TI) DP83902AV Datasheet HTML 48Page - National Semiconductor (TI) DP83902AV Datasheet HTML 49Page - National Semiconductor (TI) DP83902AV Datasheet HTML 50Page - National Semiconductor (TI) DP83902AV Datasheet HTML 51Page - National Semiconductor (TI) DP83902AV Datasheet HTML 52Page - National Semiconductor (TI) DP83902AV Datasheet HTML 53Page - National Semiconductor (TI) DP83902AV Datasheet HTML 54Page - National Semiconductor (TI) DP83902AV Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
140 Preliminary Electrical Characteristics (Continued)
Preliminary DC Specifications TA e 0 Cto70 C VCC e 5V g5% unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Max
Units
AUI INTERFACE PINS (TXg RXg and CDg)
VOD
Diff Output Voltage (TXg)78X Termination and 270X
g
550
g
1200
mV
from Each to GND
VOB
Diff Output Voltage Imbalance (TXg)78X Termination and 270X
Typical 40 mV
(Note 1)
from Each to GND
VU
Undershoot Voltage (TXg) (Note 1)
78X Termination and 270X
Typical 80 mV
from Each to GND
VDS
Diff Squelch Threshold
b
175
b
300
mV
(RXg and CDg) (Note 1)
VCM
Diff Input Common Mode Voltage
0
525
V
(RXg and CDg) (Note 1)
OSCILLATOR PINS (X1 AND X2)
VIH
X1 Input High Voltage
X1 is Connected to an Oscillator
20
V
and GNDX2 is Grounded
VIL
X1 Input Low Voltage
X1 is Connected to an Oscillator
08
V
and GNDX2 is Grounded
IOSC
X1 Input Current
GNDX2 is Grounded
3mA
VIN e VCC or GND
IX2
X2 Input Current
X2 Grounded
4mA
(Driven Mode)
TWISTED PAIR INTERFACE PINS (TXOg TXOdg and RXIg)
RTOL
TXOdg TXOg Low Level
IOL e 25 mA
15
X
Output Resistance
RTOH
TXOdg TXOg High Level
IOH e 25 mA
15
X
Output Resistance
VSRON1
Receive Threshold
g
300
g
585
mV
Turn-On Voltage (10BASE-T)
VSRON2
Receive Threshold
g
175
g
300
mV
Turn-On Voltage (Reduced Level)
VSROFF
Receive Threshold
g
175
VSRON b 100
mV
Turn-Off Voltage (Note 1)
VDIFF
Differential Mode Input
VCC e 50V
b
31
a
31
V
Voltage Range (Note 1)
Note 1
This parameter is guaranteed by design and is not tested
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com