Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 6Page - National Semiconductor (TI) DP83902AV Datasheet HTML 7Page - National Semiconductor (TI) DP83902AV Datasheet HTML 8Page - National Semiconductor (TI) DP83902AV Datasheet HTML 9Page - National Semiconductor (TI) DP83902AV Datasheet HTML 10Page - National Semiconductor (TI) DP83902AV Datasheet HTML 11Page - National Semiconductor (TI) DP83902AV Datasheet HTML 12Page - National Semiconductor (TI) DP83902AV Datasheet HTML 13Page - National Semiconductor (TI) DP83902AV Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
40 Functional Description (Continued)
These four signals are resistively combined TXOa with
TXOdb and TXOb with TXOda This is known as digital
pre-emphasis and is required to compensate for the twisted
pair cable which acts like a low pass filter causing greater
attenuation to the 10 MHz (50 ns) pulses of the Manchester
encoded waveform than the 5 MHz (100 ns) pulses
An example of how these signals are combined is shown in
the following diagram
TLF11157 – 6
The signal with pre-emphasis shown above is generated by
resistively combining TXOa and TXOdb This signal along
with its complement is passed to the transmit filter
STATUS INFORMATION
Status information is provided by the ST-NIC on the
CRSRX TXETX COL and POL outputs as described in
the pin description table These outputs are suitable for driv-
ing status LEDs via an appropriate driver circuit
The POL output is normally low and will be driven high
when seven consecutive link pulses or three consecutive
receive packets are detected with reversed polarity A polar-
ity reversal can be caused by a wiring error at either end of
the TPI cable On detection of a polarity reversal the condi-
tion is latched and POL is asserted The TPI corrects for this
error internally and will decode received data correctly elim-
inating the need to correct the wiring error
ENCODERDECODER (ENDEC) MODULE
The ENDEC consists of three main logical blocks
a) The Manchester encoder accepts NRZ data from the
controller encodes the data to Manchester and trans-
mits it differentially to the transceiver through the differ-
ential transmit driver
b) The Manchester decoder receives Manchester data from
the transceiver converts it to NRZ data and clock pulses
and sends it to the controller
c) The collision translator indicates to the controller the
presence of a valid 10 MHz collision signal to the PLL
MANCHESTER ENCODER AND DIFFERENTIAL DRIVER
The differential transmit pair on the secondary of the trans-
former drives up to 50 meters of twisted pair AUI cable
These outputs are source followers which require two 270X
pull-down resistors to ground
The DP83902A allows both half-step and full-step to be
compatible with Ethernet and IEEE 8023 With the SEL pin
low (for Ethernet I) Transmita is positive with respect to
Transmitb during idle with SEL high (for IEEE 8023)
Transmita and Transmitb are equal in the idle state This
provides zero differential voltage to operate with transform-
er coupled loads
MANCHESTER DECODER
The decoder consists of a differential receiver and a PLL to
separate a Manchester decoded data stream into internal
clock signals and data The differential input must be exter-
nally terminated with two 39X resistors connected in series
if the standard 78X transceiver drop cable is used In thin
Ethernet applications these resistors are optional To pre-
vent noise from falsely triggering the decoder a squelch
circuit at the input rejects signals with levels less than
b
175 mV Signals more negative than b300 mV are de-
coded Data becomes valid typically within 5 bit times The
DP83902A may tolerate bit jitter up to 18 ns in the received
data The decoder detects the end of a frame when no more
mid-bit transitions are detected
COLLISION TRANSLATOR
When in AUI mode when the Ethernet transceiver (DP8392
CTI) detects a collision it generates a 10 MHz signal to the
differential collision inputs (CDg) of the DP83902A When
these inputs are detected active the DP83902A uses this
signal to back off its current transmission and reschedule
another one
The collision differential inputs are terminated the same way
as the differential receive inputs The squelch circuitry is
also similar rejecting pulses with levels less than b175 mV
CRYSTALOSCILLATOR OPERATION
OCSILLATOR
The oscillator is controlled by a 20 MHz parallel resonant
crystal connected between X1 and X2 or by an external
clock on X1 The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock for the control-
ler The oscillator also provides internal clock signals to the
encoding and decoding circuits
Note
When X1 is being driven by an external oscillator X2 MUST be
grounded
Crystal Specifications
Resonant Frequency
20 MHz
Tolerance
g
0005% at 25 C
Stability
g
0005% at 0 C–70 C
Type
AT Cut
Circuit
Parallel Resonance
Max ESR
25X
Crystal Load Capacitor
20 pF
The 20 MHz crystal connection to the DP83902 requires
special care The IEEE 8023 standard requires the trans-
mitted signal frequency to be accurate within g001%
Stray capacitance can shift the crystal’s frequency out of
range and cause transmitted frequency to exceed its 001%
tolerance The frequency marked on the crystal is usually
measured with a fixed load capacitance specified in the
crystal’s data sheet typically 20 pF
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com