Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 60Page - National Semiconductor (TI) DP83902AV Datasheet HTML 61Page - National Semiconductor (TI) DP83902AV Datasheet HTML 62Page - National Semiconductor (TI) DP83902AV Datasheet HTML 63Page - National Semiconductor (TI) DP83902AV Datasheet HTML 64Page - National Semiconductor (TI) DP83902AV Datasheet HTML 65Page - National Semiconductor (TI) DP83902AV Datasheet HTML 66Page - National Semiconductor (TI) DP83902AV Datasheet HTML 67Page - National Semiconductor (TI) DP83902AV Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Remote DMA (Write Cycle) Recovery Time
TLF11157 – 45
Symbol
Parameter
Min
Max
Units
bprqh
Bus Clock to Port Request High (Note 1)
42
ns
wprql
WACK to Port Request Low
50
ns
wackw
WACK Pulse Width
25
ns
bprdl
Bus Clock to Port Read Low (Note 2)
55
ns
bprdh
Bus Clock to Port Read High
40
ns
wprq
Remote Write Port Request to Port
12
BSCK
Request Time (Notes 3 4 5)
Note 1
The first port request is issued in response to the remote write command It is subsequently issued on T1 clock cycles following completion of remote DMA
cycles
Note 2
The start of the remote DMA write following WACK is dependent on where WACK is issued relative to BSCK and whether a local DMA is pending
Note 3
Assuming wackw k 1 BSCK and no local DMA interleave no CS immediate BACK and WACK goes high before T4
Note 4
WACK must be high for a minimum of 7 BSCK
Note 5
This is not a measured value but guaranteed by design
Reset Timing
TLF11157 – 64
Symbol
Parameter
Min
Max
Units
rstw
Reset Pulse Width (Note 1)
8
BSCK Cycles or TXC Cycles
(Note 2)
Note 1
The RESET pulse requires that BSCK and TXC be stable On power up RESET should not be raised until BSCK and TXC have become stable Several
registers are affected by RESET Consult the register descriptions for details
Note 2
The slower of BSCK or TXC clocks will determine the minimum time for the RESET signal to be low
If BSCK k TXC then RESET e 8 c BSCK
If TXC k BSCK then RESET e 8 c TXC
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com