Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 18Page - National Semiconductor (TI) DP83902AV Datasheet HTML 19Page - National Semiconductor (TI) DP83902AV Datasheet HTML 20Page - National Semiconductor (TI) DP83902AV Datasheet HTML 21Page - National Semiconductor (TI) DP83902AV Datasheet HTML 22Page - National Semiconductor (TI) DP83902AV Datasheet HTML 23Page - National Semiconductor (TI) DP83902AV Datasheet HTML 24Page - National Semiconductor (TI) DP83902AV Datasheet HTML 25Page - National Semiconductor (TI) DP83902AV Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
80 Packet Transmission
The Local DMA is also used during transmission of a pack-
et Three registers control the DMA transfer during trans-
mission a Transmit Page Start Address Register (TPSR)
and the Transmit Byte Count Registers (TBCR0 1) When
the ST-NIC receives a command to transmit the packet
pointed to by these registers buffer memory data will be
moved into the FIFO as required during transmission The
ST-NIC will generate and append the preamble synch and
CRC fields
General Transmit Packet Format
Transmit
Destination Address
6 Bytes
Byte
Source Address
6 Bytes
Count
TypeLength
2 Bytes
TBCR0 1
Data
Pad (If Data k 46 Bytes)
t
46 Bytes
TRANSMIT PACKET ASSEMBLY
The ST-NIC requires a contiguous assembled packet with
the format shown The transmit byte count includes the
Destination Address Source Address Length Field and
Data It does not include preamble and CRC When trans-
mitting data smaller than 46 bytes the packet must be pad-
ded to a minimum size of 64 bytes The programmer is re-
sponsible for adding and stripping pad bytes
TRANSMISSION
Prior to transmission the TPSR (Transmit Page Start Regis-
ter) and TBCR0 TBCR1 (Transmit Byte Count Registers)
must be initialized To initiate transmission of the packet the
TXP bit in the Command Register is set The Transmit
Status Register (TSR) is cleared and the ST-NIC begins to
prefetch transmit data from memory (unless the ST-NIC is
currently receiving) If the interframe gap has timed out the
ST-NIC will begin transmission
CONDITIONS REQUIRED TO BEGIN TRANSMISSION
In order to transmit a packet the following three conditions
must be met
1 The Interframe Gap Timer has timed out the first 64 ms
of the Interframe Gap
2 At least one byte has entered the FIFO (This indicates
that the burst transfer has been started)
3 If a collision has been detected the backoff timer has
expired
In typical systems the ST-NIC prefetchs the first burst of
bytes before the 64 ms timer expires The time during which
ST-NIC transmits preamble can also be used to load the
FIFO
Note
If carrier sense is asserted before a byte has been loaded into the
FIFO the ST-NIC will become a receiver
COLLISION RECOVERY
During transmission the Buffer Management logic monitors
the transmit circuitry to determine if a collision has occurred
If a collision is detected the Buffer Management logic will
reset the FIFO and restore the Transmit DMA pointers for
retransmission of the packet The COL bit will be set in the
TSR and the NCR (Number of Collisions Register) will be
incremented If 15 retransmissions each result in a collision
the transmission will be aborted and the ABT bit in the TSR
will be set
Note
NCR reads as zeroes if excessive collisions are encountered
TRANSMIT PACKET ASSEMBLY FORMAT
The following diagrams describe the format for how packets
must be assembled prior to transmission for different byte
ordering schemes The various formats are selected in the
Data Configuration Register
D15
D8 D7
D0
Destination Address 1
Destination Address 0
Destination Address 3
Destination Address 2
Destination Address 5
Destination Address 4
Source Address 1
Source Address 0
Source Address 3
Source Address 2
Source Address 5
Source Address 4
TypeLength 1
TypeLength 0
Data 1
Data 0
BOS e 0 WTS e 1 in Data Configuration Register
This format is used with Series 32xxx or 808xx processors
D15
D8 D7
D0
Destination Address 0
Destination Address 1
Destination Address 2
Destination Address 3
Destination Address 4
Destination Address 5
Source Address 0
Source Address 1
Source Address 2
Source Address 3
Source Address 4
Source Address 5
TypeLength 0
TypeLength 1
Data 0
Data 1
BOS e 1 WTS e 1 in Data Configuration Register
This format is used with 680x0 type processors
D1
D0
Destination Address 0
Destination Address 1
Destination Address 2
Destination Address 3
Destination Address 4
Destination Address 5
Source Address 0
Source Address 1
Source Address 2
Source Address 3
Source Address 4
Source Address 5
BOS e 0 WTS e 0 in Data Configuration Register
This format is used with general 8-bit processors
Note
All examples above will result in a transmission of a packet in order of
DA0 DA1 DA2 DA3
bits within each byte will be transmitted
least significant bit first
DA e Destination Address
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com