Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 49Page - National Semiconductor (TI) DP83902AV Datasheet HTML 50Page - National Semiconductor (TI) DP83902AV Datasheet HTML 51Page - National Semiconductor (TI) DP83902AV Datasheet HTML 52Page - National Semiconductor (TI) DP83902AV Datasheet HTML 53Page - National Semiconductor (TI) DP83902AV Datasheet HTML 54Page - National Semiconductor (TI) DP83902AV Datasheet HTML 55Page - National Semiconductor (TI) DP83902AV Datasheet HTML 56Page - National Semiconductor (TI) DP83902AV Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
150 Switching Characteristics AC Specs DP83902A Note All Timing is Preliminary (Continued)
Register Read (Non-Latched ADS0 e 1)
TLF11157 – 34
Symbol
Parameter
Min
Max
Units
rsrs
Register Select to Read Setup
10
ns
(Notes 1 3)
rsrh
Register Select Hold from Read
0
ns
ackdv
ACK Low to Valid Data
55
ns
rdz
Read Strobe to Data TRI-STATE (Note 2)
15
70
ns
rackl
Read Strobe to ACK Low (Note 3)
n bcyc a 30
ns
rackh
Read Strobe to ACK High
30
ns
Note 1
rsrs includes flow-through time of latch
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
Note 3
CS may be asserted before of after RA0–3 and SRD since address decode begins when ACK is asserted If CS is asserted after RA0–3 and SRD rackl
is referenced from falling edge of CS
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com