Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902AV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83902AV Datasheet HTML 1Page - National Semiconductor (TI) DP83902AV Datasheet HTML 2Page - National Semiconductor (TI) DP83902AV Datasheet HTML 3Page - National Semiconductor (TI) DP83902AV Datasheet HTML 4Page - National Semiconductor (TI) DP83902AV Datasheet HTML 5Page - National Semiconductor (TI) DP83902AV Datasheet HTML 6Page - National Semiconductor (TI) DP83902AV Datasheet HTML 7Page - National Semiconductor (TI) DP83902AV Datasheet HTML 8Page - National Semiconductor (TI) DP83902AV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
TLF11157
PRELIMINARY
November 1995
DP83902A ST-NIC
TM
Serial Network Interface Controller for Twisted Pair
General Description
The DP83902A Serial Network Interface Controller for
Twisted Pair (ST-NIC) is a microCMOS VLSI device de-
signed for easy implementation of CSMACD local area net-
works These include Ethernet (10BASE5) Thin Ethernet
(10BASE2) and Twisted-pair Ethernet (10BASE-T) The
overall ST-NIC solution provides the Media Access Control
(MAC) and Encode-Decode (ENDEC) with an AUI interface
and 10BASE-T transceiver functions in accordance with the
IEEE 8023 standards
The DP83902A’s 10BASE-T transceiver fully complies with
the IEEE standard This functional block incorporates the
receiver transmitter collision heartbeat loopback jabber
and link integrity blocks as defined in the standard The
transceiver when combined with equalization resistors
transmitreceive filters and pulse transformers provides a
complete physical interface from the DP83902A’s ENDEC
module and the twisted pair medium
The integrated ENDEC module allows Manchester encod-
ing and decoding via a differential transceiver and phase
lock loop decoder at 10 Mbitsec Also included are colli-
sion detect translator and diagnostic loopback capability
The ENDEC module interfaces directly to the transceiver
module and also provides a fully IEEE compliant AUI (At-
tachment Unit Interface) for connection to other media
transceivers
(Continued)
Features
Y
Single chip solution for IEEE 8023 10BASE-T
Y
Integrated controller ENDEC and transceiver
Y
Full AUI interface
Y
No external precision components required
Y
3 levels of loopback supported
Transceiver Module
Y
Integrates transceiver electronics including
Transmitter and receiver
Collision detect heartbeat and jabber timer
Link integrity test
Y
Link disable and polarity detectioncorrection
Y
Integrated smart receive squelch
Y
Reduced squelch level for extended distance cable op-
eration (100-pin QFP version)
ENDEC Module
Y
10 Mbs Manchester encodingdecoding plus clock re-
covery
Y
Transmitter half or full step mode
Y
Squelch on receive and collision pairs
Y
Lock time 5 bits typical
Y
Decodes Manchester data with up to g18 ns jitter
MACController Module
Y
100% DP8390 softwarehardware compatible
Y
Dual 16-bit DMA channels
Y
16-byte internal FIFO
Y
Efficient buffer management implementation
Y
Independent system and network clocks
Y
Supports physical multicast and broadcast address fil-
tering
Y
Network statistics storage
10 System Diagram
Station or DTE
TLF11157 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
ST-NICTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DP83902AV

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DP83902A PULSE-DP83902A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - DP83902AV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP83905 NSC-DP83905 Datasheet
1Mb / 80P
AT Local Area Network Twisted-Pair Interface Controller
DP83934CVUL-20 NSC-DP83934CVUL-20 Datasheet
1Mb / 104P
MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Winbond
W89C926 WINBOND-W89C926 Datasheet
395Kb / 48P
PCMCIA ETHERNET NETWORK TWISTED PAIR INTERFACE CONTROLLER
W89C940 WINBOND-W89C940 Datasheet
353Kb / 61P
ELANC-PCI (TWISTED-PAIR ETHER-LAN CONTROLLER WITH PCI INTERFACE)
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
Serial Network Interface
logo
Gamewell-FCI by Honeywe...
RPT-E3-UTP GAMEWELL-FCI-RPT-E3-UTP Datasheet
46Kb / 1P
Network Repeaters, unshielded, twisted-pair
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com