Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9883A/PCB Datasheet HTML 1Page - Analog Devices AD9883A/PCB Datasheet HTML 2Page - Analog Devices AD9883A/PCB Datasheet HTML 3Page - Analog Devices AD9883A/PCB Datasheet HTML 4Page - Analog Devices AD9883A/PCB Datasheet HTML 5Page - Analog Devices AD9883A/PCB Datasheet HTML 6Page - Analog Devices AD9883A/PCB Datasheet HTML 7Page - Analog Devices AD9883A/PCB Datasheet HTML 8Page - Analog Devices AD9883A/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. B
AD9883A
–5–
Test
AD9883ABST–110
AD9883ABST–140
Parameter
Temp Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.6
2.2
3.3
3.6
V
PVD Supply Voltage
Full
IV
3.0
3.3
3.6
3.0
3.3
3.6
V
ID Supply Current (VD)25
°CV
132
163
mA
IDD Supply Current (VDD)
2
25
°CV
19
24
mA
IPVD Supply Current (PVD)25
°CV
8
10
mA
Total Power Dissipation
Full
VI
525
700
650
850
mW
Power-Down Supply Current
Full
VI
5
15
5
15
mA
Power-Down Dissipation
Full
VI
16.5
33
16.5
33
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25
°CV
300
300
MHz
Transient Response
25
°CV
2
2
ns
Overvoltage Recovery Time
25
°CV
1.5
1.5
ns
Signal-to-Noise Ratio (SNR)
25
°CV
44
43
dB
(Without Harmonics)
Full
V
43
42
dB
fIN = 40.7 MHz
Crosstalk
Full
V
55
55
dBc
THERMAL CHARACTERISTICS
θ
JC Junction-to-Case
16
16
Thermal Resistance
V
°C/W
θJA Junction-to-Ambient
35
35
Thermal Resistance
V
°C/W
NOTES
1VCO Range = 10, Charge Pump Current = 110, PLL Divider = 1693.
2DATACK Load = 15 pF, Data Load = 5 pF.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com