Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 9Page - Analog Devices AD9883A/PCB Datasheet HTML 10Page - Analog Devices AD9883A/PCB Datasheet HTML 11Page - Analog Devices AD9883A/PCB Datasheet HTML 12Page - Analog Devices AD9883A/PCB Datasheet HTML 13Page - Analog Devices AD9883A/PCB Datasheet HTML 14Page - Analog Devices AD9883A/PCB Datasheet HTML 15Page - Analog Devices AD9883A/PCB Datasheet HTML 16Page - Analog Devices AD9883A/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
REV. B
AD9883A
–13–
Table V. Recommended VCO Range and Charge Pump Current Settings for Standard Display Formats
Refresh
Horizontal
AD9883AKST
AD9883ABST
Standard
Resolution
Rate
Frequency
Pixel Rate
VCORNGE
Current
VCORNGE
Current
VGA
640
× 480
60 Hz
31.5 kHz
25.175 MHz
00
110
00
011
72 Hz
37.7 kHz
31.500 MHz
00
110
01
010
75 Hz
37.5 kHz
31.500 MHz
00
110
01
010
85 Hz
43.3 kHz
36.000 MHz
01
100
01
010
SVGA
800
× 600
56 Hz
35.1 kHz
36.000 MHz
01
100
01
010
60 Hz
37.9 kHz
40.000 MHz
01
100
01
011
72 Hz
48.1 kHz
50.000 MHz
01
101
01
100
75 Hz
46.9 kHz
49.500 MHz
01
101
01
100
85 Hz
53.7 kHz
56.250 MHz
01
101
01
101
XGA
1024
× 768
60 Hz
48.4 kHz
65.000 MHz
10
101
10
011
70 Hz
56.5 kHz
75.000 MHz
10
100
10
011
75 Hz
60.0 kHz
78.750 MHz
10
100
10
011
80 Hz
64.0 kHz
85.500 MHz
10
101
10
100
85 Hz
68.3 kHz
94.500 MHz
10
101
10
100
SXGA
1280
× 1024 60 Hz
64.0 kHz
108.000 MHz
10
110
10
101
75 Hz
80.0 kHz
135.000 MHz
11
110
11
101
Timing
The following timing diagrams show the operation of the
AD9883A.
The output data clock signal is created so that its rising edge
always occurs between data transitions, and can be used to latch
the output data externally.
There is a pipeline in the AD9883A, which must be flushed
before valid data becomes available. This means four data sets
are presented before valid data is available.
tPER
tCYCLE
tSKEW
DATACK
DATA
HSOUT
Figure 7. Output Timing
Hsync Timing
Horizontal Sync (Hsync) is processed in the AD9883A to elimi-
nate ambiguity in the timing of the leading edge with respect to
the phase-delayed pixel clock and data.
The Hsync input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted, with respect
to Hsync, through a full 360
° in 32 steps via the Phase Adjust
Register (to optimize the pixel sampling time). Display systems
use Hsync to align memory and display write cycles, so it is
important to have a stable timing relationship between Hsync
output (HSOUT) and data clock (DATACK).
Three things happen to Horizontal Sync in the AD9883A. First,
the polarity of Hsync input is determined and will thus have a
known output polarity. The known output polarity can be pro-
grammed either active high or active low (register 0EH, Bit 5).
Second, HSOUT is aligned with DATACK and data outputs.
Third, the duration of HSOUT (in pixel clocks) is set via regis-
ter 07H. HSOUT is the sync signal that should be used to drive
the rest of the display system.
Coast Timing
In most computer systems, the Hsync signal is provided con-
tinuously on a dedicated wire. In these systems, the COAST
input and function are unnecessary, and should not be used and
the pin should be permanently connected to the inactive state.
In some systems, however, Hsync is disturbed during the Vertical
Sync period (Vsync). In some cases, Hsync pulses disappear.
In other systems, such as those that employ Composite Sync
(Csync) signals or embedded Sync-on-Green (SOG), Hsync
includes equalization pulses or other distortions during Vsync. To
avoid upsetting the clock generator during Vsync, it is impor-
tant to ignore these distortions. If the pixel clock PLL sees
extraneous pulses, it will attempt to lock to this new frequency,
and will have changed frequency by the end of the Vsync period.
It will then take a few lines of correct Hsync timing to recover
at the beginning of a new frame, resulting in a “tearing” of the
image at the top of the display.
The COAST input is provided to eliminate this problem. It is
an asynchronous input that disables the PLL input and allows
the clock to free-run at its then-current frequency. The PLL can
free-run for several lines without significant frequency drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com