Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 16Page - Analog Devices AD9883A/PCB Datasheet HTML 17Page - Analog Devices AD9883A/PCB Datasheet HTML 18Page - Analog Devices AD9883A/PCB Datasheet HTML 19Page - Analog Devices AD9883A/PCB Datasheet HTML 20Page - Analog Devices AD9883A/PCB Datasheet HTML 21Page - Analog Devices AD9883A/PCB Datasheet HTML 22Page - Analog Devices AD9883A/PCB Datasheet HTML 23Page - Analog Devices AD9883A/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. B
AD9883A
–20–
0F
4 Coast Input Polarity Override
This register is used to override the internal circuitry that
determines the polarity of the Coast signal going into the PLL.
Table XX. Coast Input Polarity Override Settings
Override Bit
Result
0Determined by Chip
1Determined by User
The default for coast polarity override is 0.
0F
3 Coast Input Polarity
This bit indicates the polarity of the Coast signal that is
applied to the PLL COAST input.
Table XXI. Coast Input Polarity Settings
Coast Polarity
Function
0Active Low
1Active High
Active Low means that the clock generator will ignore
Hsync inputs when Coast is low, and continue operating at
the same nominal frequency until Coast goes high.
Active High means that the clock generator will ignore
Hsync inputs when Coast is high, and continue operating at
the same nominal frequency until Coast goes low.
This function needs to be used along with the Coast
Polarity Override bit (Bit 4).
The power-up default value is 1.
0F
2 Seek Mode Override
This bit is used to either allow or disallow the low power
mode. The low power mode (Seek Mode) occurs when
there are no signals on any of the Sync inputs.
Table XXII. Seek Mode Override Settings
Select
Result
1Allow Seek Mode
0Disallow Seek Mode
The default for this register is 1.
0F
1
PWRDN
This bit is used to put the chip in full power-down. See
Power Management Section for details of which blocks
are powered down.
Table XXIII. Power-Down Settings
Select
Result
0
Power-Down
1Normal Operation
The default for this register is 1.
10
7-3 Sync-on-Green Slicer Threshold
This register allows the comparator threshold of the Sync-
on-Green slicer to be adjusted. This register adjusts it in
steps of 10 mV, with the minimum setting equaling 10 mV
(11111) and the maximum setting equaling 330 mV (00000).
The default setting is 23, which corresponds to a threshold
value of 100 mV; for a threshold of 150 mV, the setting
should be 18.
10
2 Red Clamp Select
This bit determines whether the Red channel is clamped to
ground or to midscale. For RGB video, all three chan-
nels are referenced to ground. For YCbCr (or YUV), the
Y channel is referenced to ground, but the CbCr channels
are referenced to midscale. Clamping to midscale actually
clamps to Pin 37.
Table XXIV. Red Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 37)
The default setting for this register is 0.
10
1 Green Clamp Select
This bit determines whether the Green channel is clamped
to ground or to midscale.
Table XXV. Green Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 37)
The default setting for this register is 0.
10
0 Blue Clamp Select
This bit determines whether the Blue channel is clamped
to ground or to midscale.
Table XXVI. Blue Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 37)
The default setting for this register is 0.
11
7–0 Sync Separator Threshold
This register is used to set the responsiveness of the sync
separator. It sets how many internal 5 MHz clock periods
the sync separator must count to before toggling high or
low. It works like a low-pass filter to ignore Hsync pulses
in order to extract the Vsync signal. This register should
be set to some number greater than the maximum Hsync
pulsewidth. Note that the sync separator threshold uses an
internal dedicated clock with a frequency of approxi-
mately 5 MHz.
The default for this register is 32.
12
7–0 Pre-Coast
This register allows the coast signal to be applied prior to
the Vsync signal. This is necessary in cases where pre-
equalization pulses are present. The step size for this
control is one Hsync period.
The default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com