Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 20Page - Analog Devices AD9883A/PCB Datasheet HTML 21Page - Analog Devices AD9883A/PCB Datasheet HTML 22Page - Analog Devices AD9883A/PCB Datasheet HTML 23Page - Analog Devices AD9883A/PCB Datasheet HTML 24Page - Analog Devices AD9883A/PCB Datasheet HTML 25Page - Analog Devices AD9883A/PCB Datasheet HTML 26Page - Analog Devices AD9883A/PCB Datasheet HTML 27Page - Analog Devices AD9883A/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. B
AD9883A
–25–
It is also recommended to use a single ground plane for the entire
board. Experience has repeatedly shown that the noise perfor-
mance is the same or better with a single ground plane. Using
multiple ground planes can be detrimental because each separate
ground plane is smaller, and long ground loops can result.
In some cases, using separate ground planes is unavoidable. For
those cases, it is recommended to at least place a single ground
plane under the AD9883A. The location of the split should
be at the receiver of the digital outputs. For this case it is even
more important to place components wisely because the current
loops will be much longer (current takes the path of least resis-
tance). An example of a current loop:
POWER PLANE
AD9883A
DIG
ITA
L
G
RO
UN
D P
LAN
E
DIG
ITAL
GROUN
D PLANE
DIGITAL DAT
A RE
CEIV
ER
Figure 13. Current Loop
PLL
Place the PLL loop filter components as close to the FILT pin
as possible.
Do not place any digital or other high frequency traces near
these components.
Use the values suggested in the data sheet with 10% tolerances
or less.
Outputs (Both Data and Clocks)
Try to minimize the trace length that the digital outputs have to
drive. Longer traces have higher capacitance, which requires more
current, which causes more internal digital noise.
Shorter traces reduce the possibility of reflections.
Adding a series resistor of value 22
Ω to 100 Ω can suppress reflec-
tions, reduce EMI, and reduce the current spikes inside of the
AD9883A. However, if 50
Ω traces are used on the PCB, the
data outputs should not need resistors. A 22
Ω resistor on the
DATACK output should provide good impedance matching that
will reduce reflections. If series resistors are used, place them as
close to the AD9883A pins as possible (although try not to add vias
or extra length to the output trace in order to get the resistors closer).
If possible, limit the capacitance that each of the digital outputs
drives to less than 10 pF. This can easily be accomplished by
keeping traces short and by connecting the outputs to only one
device. Loading the outputs with excessive capacitance will
increase the current transients inside of the AD9883A, creating
more digital noise on its power supplies.
Digital Inputs
The digital inputs on the AD9883A were designed to work with
3.3 V signals, but are tolerant of 5.0 V signals. Therefore, no
extra components need to be added if using 5.0 V logic.
Any noise that gets onto the Hsync input trace will add jitter to
the system. Therefore, minimize the trace length and do not run
any digital or other high frequency traces near it.
Voltage Reference
Bypass with a 0.1
µF capacitor. Place as close to the AD9883A
pin as possible. Make the ground connection as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com