Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 17 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 13Page - Analog Devices AD9883A/PCB Datasheet HTML 14Page - Analog Devices AD9883A/PCB Datasheet HTML 15Page - Analog Devices AD9883A/PCB Datasheet HTML 16Page - Analog Devices AD9883A/PCB Datasheet HTML 17Page - Analog Devices AD9883A/PCB Datasheet HTML 18Page - Analog Devices AD9883A/PCB Datasheet HTML 19Page - Analog Devices AD9883A/PCB Datasheet HTML 20Page - Analog Devices AD9883A/PCB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. B
AD9883A
–17–
2-WIRE SERIAL CONTROL REGISTER DETAIL CHIP
IDENTIFICATION
00
7–0
Chip Revision
An 8-bit register that represents the silicon revision. Revi-
sion 0 = 0000 0000, Revision 1 = 0000 0001, Revision 2 =
0000 0010.
PLL DIVIDER CONTROL
01
7–0
PLL Divide Ratio MSBs
The 8 most significant bits of the 12-bit PLL divide ratio
PLLDIV. (The operational divide ratio is PLLDIV + 1.)
The PLL derives a master clock from an incoming Hsync
signal. The master clock frequency is then divided by an
integer value, such that the output is phase-locked to
Hsync. This PLLDIV value determines the number of
pixel times (pixels plus horizontal blanking overhead) per
line. This is typically 20% to 30% more than the number
of active pixels in the display.
The 12-bit value of the PLL divider supports divide ratios
from 2 to 4095. The higher the value loaded in this regis-
ter, the higher the resulting clock frequency with respect
to a fixed Hsync frequency.
VESA has established some standard timing specifications
that assist in determining the value for PLLDIV as a
function of horizontal and vertical display resolution and
frame rate (Table V).
However, many computer systems do not conform pre-
cisely to the recommendations, and these numbers should
be used only as a guide. The display system manufacturer
should provide automatic or manual means for optimizing
PLLDIV. An incorrectly set PLLDIV will usually produce
one or more vertical noise bars on the display. The greater
the error, the greater the number of bars produced.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69H, PLLDIVL = DxH).
The AD9883A updates the full divide ratio only when the
LSBs are changed. Writing to the MSB by itself will not
trigger an update.
02
7–4
PLL Divide Ratio LSBs
The 4 least significant bits of the 12-bit PLL divide ratio
PLLDIV. The operational divide ratio is PLLDIV + 1.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 69H, PLLDIVL = DxH).
The AD9883A updates the full divide ratio only when this
register is written to.
CLOCK GENERATOR CONTROL
03
7–6
VCO Range Select
Two bits that establish the operating range of the clock
generator.
VCORNGE must be set to correspond with the desired
operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high fre-
quencies. For this reason, to output low pixel rates and
still get good jitter performance, the PLL actually operates
at a higher frequency but then divides down the clock rate
afterwards. Table VII shows the pixel rates for each VCO
range setting. The PLL output divisor is automatically
selected with the VCO range setting.
Table VII. VCO Ranges
VCORNGE
Pixel Rate Range
00
12–32
01
32–64
10
64–110
11
110–140
The power-up default value is 01.
03
5–3
CURRENT Charge Pump Current
Three bits that establish the current driving the loop filter
in the clock generator.
Table VIII. Charge Pump Currents
CURRENT
Current ( A)
000
50
001
100
010
150
011
250
100
350
101
500
110
750
111
1500
CURRENT must be set to correspond with the desired
operating frequency (incoming pixel rate).
The power-up default value is current = 001.
Table VI. Control Register Map (continued)
Write and
Hex
Read or
Default
Register
Address
Read Only
Bits
Value
Name
Function
16H
R/
W
7:0
Test Register
Reserved for future use.
17H
RO
7:0
Test Register
Reserved for future use.
18H
RO
7:0
Test Register
Reserved for future use.
*The AD9883A only updates the PLL divide ratio when the LSBs are written to (register 02H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com