Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 5Page - Analog Devices AD9883A/PCB Datasheet HTML 6Page - Analog Devices AD9883A/PCB Datasheet HTML 7Page - Analog Devices AD9883A/PCB Datasheet HTML 8Page - Analog Devices AD9883A/PCB Datasheet HTML 9Page - Analog Devices AD9883A/PCB Datasheet HTML 10Page - Analog Devices AD9883A/PCB Datasheet HTML 11Page - Analog Devices AD9883A/PCB Datasheet HTML 12Page - Analog Devices AD9883A/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
REV. B
AD9883A
–9–
DESIGN GUIDE
General Description
The AD9883A is a fully integrated solution for capturing analog
RGB signals and digitizing them for display on flat panel monitors
or projectors. The circuit is ideal for providing a computer interface
for HDTV monitors or as the front end to high performance video
scan converters. Implemented in a high performance CMOS
process, the interface can capture signals with pixel rates up
to 110 MHz.
The AD9883A includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. All controls are programmable via a 2-wire
serial interface. Full integration of these sensitive analog functions
makes system design straightforward and less sensitive to the
physical and electrical environment.
With a typical power dissipation of only 500 mW and an operating
temperature range of 0
°C to 70°C, the device requires no special
environmental considerations.
Digital Inputs
All digital inputs on the AD9883A operate to 3.3 V CMOS levels.
However, all digital inputs are 5 V tolerant. Applying 5 V to
them will not cause any damage.
Input Signal Handling
The AD9883A has three high impedance analog input pins
for the Red, Green, and Blue channels. They will accommodate
signals ranging from 0.5 V to 1.0 V p-p.
Signals are typically brought onto the interface board via a
DVI-I connector, a 15-pin D connector, or via BNC connectors.
The AD9883A should be located as close as practical to the input
connector. Signals should be routed via matched-impedance
traces (normally 75
Ω) to the IC input pins.
PIN FUNCTION DESCRIPTIONS (continued)
Pin Name
Function
CLAMP
External Clamp Input
This logic input may be used to define the time during which the input signal is clamped to ground. It should be exer-
cised when the reference dc level is known to be present on the analog input channels, typically during the back porch of
the graphics signal. The CLAMP pin is enabled by setting control bit Clamp Function to 1, (register 0FH, Bit 7, default is 0).
When disabled, this pin is ignored and the clamp timing is determined internally by counting a delay and duration from
the trailing edge of the Hsync input. The logic sense of this pin is controlled by Clamp Polarity register 0FH, Bit 6. When not
used, this pin must be grounded and Clamp Function programmed to 0.
COAST
Clock Generator Coast Input (Optional)
This input may be used to cause the pixel clock generator to stop synchronizing with Hsync and continue producing a clock at
its current frequency and phase. This is useful when processing signals from sources that fail to produce horizontal sync
pulses during the vertical interval. The COAST signal is generally not required for PC-generated signals. The logic sense
of this pin is controlled by Coast Polarity (register 0FH, Bit 3). When not used, this pin may be grounded and Coast
Polarity programmed to 1, or tied HIGH (to VD through a 10 k
Ω resistor) and Coast Polarity programmed to 0. Coast
Polarity defaults to 1 at power-up.
REF BYPASS Internal Reference BYPASS
Bypass for the internal 1.25 V band gap reference. It should be connected to ground through a 0.1
µF capacitor. The
absolute accuracy of this reference is
±4%, and the temperature coefficient is ±50 ppm, which is adequate for most AD9883A
applications. If higher accuracy is required, an external reference may be employed instead.
MIDSCV
Midscale Voltage Reference BYPASS
Bypass for the internal midscale voltage reference. It should be connected to ground through a 0.1
µF capacitor. The
exact voltage varies with the gain setting of the Blue channel.
FILT
External Filter Connection
For proper operation, the pixel clock generator PLL requires an external filter. Connect the filter shown in Figure 6 to
this pin. For optimal performance, minimize noise and parasitics on this node.
POWER SUPPLY
VD
Main Power Supply
These pins supply power to the main elements of the circuit. They should be filtered and as quiet as possible.
VDD
Digital Output Power Supply
A large number of output pins (up to 25) switching at high speed (up to 110 MHz) generates a lot of power supply transients
(noise). These supply pins are identified separately from the VD pins so special care can be taken to minimize output
noise transferred into the sensitive analog circuitry. If the AD9883A is interfacing with lower voltage logic, V DD may be
connected to a lower supply voltage (as low as 2.5 V) for compatibility.
PVD
Clock Generator Power Supply
The most sensitive portion of the AD9883A is the clock generation circuitry. These pins provide power to the clock PLL and
help the user design for optimal performance. The designer should provide quiet, noise-free power to these pins.
GND
Ground
The ground return for all circuitry on-chip. It is recommended that the AD9883A be assembled on a single solid ground
plane, with careful attention given to ground current paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com