Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 11Page - Analog Devices AD9883A/PCB Datasheet HTML 12Page - Analog Devices AD9883A/PCB Datasheet HTML 13Page - Analog Devices AD9883A/PCB Datasheet HTML 14Page - Analog Devices AD9883A/PCB Datasheet HTML 15Page - Analog Devices AD9883A/PCB Datasheet HTML 16Page - Analog Devices AD9883A/PCB Datasheet HTML 17Page - Analog Devices AD9883A/PCB Datasheet HTML 18Page - Analog Devices AD9883A/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
REV. B
AD9883A
–15–
Table VI. Control Register Map
Write and
Hex
Read or
Default
Register
Address
Read Only
Bits
Value
Name
Function
00H
RO
7:0
Chip Revision
An 8-bit register that represents the silicon revision level.
Revision 0 = 0000 0000.
01H
*
R/
W
7:0
01101001
PLL Div MSB
This register is for Bits [11:4] of the PLL divider. Greater values mean
the PLL operates at a faster rate. This register should be loaded first
whenever a change is needed. This will give the PLL more time to lock.
02H
*
R/
W
7:4
1101
****
PLL Div LSB
Bits [7:4] of this word are written to the LSBs [3:0] of the
PLL divider word.
03H
R/
W
7:3
01
******
Bits [7:6] VCO Range. Selects VCO frequency range.
(See PLL description.)
**001***
Bits [5:3] Charge Pump Current. Varies the current that drives the
low-pass filter. (See PLL description.)
04H
R/
W
7:3
10000
***
Phase Adjust
ADC Clock Phase Adjustment. Larger values mean more delay.
(1 LSB = T/32)
05H
R/
W
7:0
10000000
Clamp
Places the Clamp signal an integer number of clock periods after the trail-
Placement
ing edge of the Hsync signal.
06H
R/
W
7:0
10000000
Clamp
Number of clock periods that the Clamp signal is actively clamping.
Duration
07H
R/
W
7:0
00100000
Hsync Output
Sets the number of pixel clocks that HSOUT will remain active.
Pulsewidth
08H
R/W
7:0
10000000
Red Gain
Controls ADC input range (contrast) of each respective channel.
Greater values give less contrast.
09H
R/W
7:0
10000000
Green Gain
0AH
R/W
7:0
10000000
Blue Gain
0BH
R/W
7:1
1000000*
Red Offset
Controls dc offset (brightness) of each respective channel. Greater
values decrease brightness.
0CH
R/W
7:1
1000000*
Green Offset
0DH
R/W
7:1
1000000*
Blue Offset
0EH
R/
W
7:0
0
*******
Sync Control
Bit 7 – Hsync Polarity Override. (Logic 0 = Polarity determined by
chip, Logic 1 = Polarity set by Bit 6 in register 0EH.)
*1******
Bit 6 – Hsync Input Polarity. Indicates polarity of incoming Hsync
signal to the PLL. (Logic 0 = Active Low, Logic 1 = Active High.)
**0*****
Bit 5 – Hsync Output Polarity. (Logic 0 = Logic High Sync,
Logic 1 = Logic Low Sync.)
***0****
Bit 4 – Active Hsync Override. If set to Logic 1, the user can select
the Hsync to be used via Bit 3. If set to Logic 0, the active interface
is selected via Bit 6 in register 14H.
****0***
Bit 3 – Active Hsync Select. Logic 0 selects Hsync as the active
sync. Logic 1 selects Sync-on-Green as the active sync. Note that the
indicated Hsync will be used only if Bit 4 is set to Logic 1 or if both
syncs are active. (Bits 1, 7 = Logic 1 in register 14H.)
*****0**
Bit 2 – Vsync Output Invert. (Logic 1 = No Invert, Logic 0 = Invert.)
******0*
Bit 1 – Active Vsync Override. If set to Logic 1, the user can select
the Vsync to be used via Bit 0. If set to Logic 0, the active interface
is selected via Bit 3 in register 14H.
*******0
Bit 0 – Active Vsync Select. Logic 0 selects Raw Vsync as the output
Vsync. Logic 1 selects Sync Separated Vsync as the output Vsync.
Note that the indicated
Vsync will be used only if Bit 1 is set to Logic 1.
2-Wire Serial Register Map
The AD9883A is initialized and controlled by a set of registers,
which determine the operating modes. An external controller is
employed to write and read the control registers through the
two-line serial interface port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com