Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9883A/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9883A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9883A/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9883A/PCB Datasheet HTML 12Page - Analog Devices AD9883A/PCB Datasheet HTML 13Page - Analog Devices AD9883A/PCB Datasheet HTML 14Page - Analog Devices AD9883A/PCB Datasheet HTML 15Page - Analog Devices AD9883A/PCB Datasheet HTML 16Page - Analog Devices AD9883A/PCB Datasheet HTML 17Page - Analog Devices AD9883A/PCB Datasheet HTML 18Page - Analog Devices AD9883A/PCB Datasheet HTML 19Page - Analog Devices AD9883A/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
REV. B
AD9883A
–16–
Table VI. Control Register Map (continued)
Write and
Hex
Read or
Default
Register
Address
Read Only
Bits
Value
Name
Function
0FH
R/W
7:1
0
*******
Bit 7 – Clamp Function. Chooses between Hsync for Clamp
signal or another external signal to be used for clamping.
(Logic 0 = Hsync, Logic 1 = Clamp.)
*1******
Bit 6 – Clamp Polarity. Valid only with external Clamp signal.
(Logic 0 = Active High, Logic 1 Selects Active Low.)
**0*****
Bit 5 – Coast Select. Logic 0 selects the coast input pins to be
used for the PLL coast. Logic 1 selects Vsync to be used for the
PLL coast.
***0****
Bit 4 – Coast Polarity Override. (Logic 0 = Polarity determined by
chip, Logic 1 = Polarity set by Bit 3 in register 0FH.)
****1***
Bit 3 – Coast Polarity. Selects polarity of external Coast signal.
(Logic 0 = Active Low, Logic 1 = Active High.)
*****1**
Bit 2 – Seek Mode Override. (Logic 1 = Allow Low Power Mode,
Logic 0 = Disallow Low Power Mode.)
******1*
Bit 1 – PWRDN. Full Chip Power-Down, Active Low. (Logic 0 =
Full Chip Power-Down, Logic 1 = Normal.)
10H
R/W
7:3
10111
***
Sync-on-Green
Sync-on-Green Threshold. Sets the voltage level of the Sync-on-
Threshold
Green slicer’s comparator.
*****0**
Bit 2 – Red Clamp Select. Logic 0 selects clamp to ground.
Logic 1 selects clamp to midscale (voltage at Pin 37).
******0*
Bit 1 – Green Clamp Select. Logic 0 selects clamp to ground.
Logic 1 selects clamp to midscale (voltage at Pin 37).
*******0
Bit 0 – Blue Clamp Select. Logic 0 selects clamp to ground.
Logic 1 selects clamp to midscale (voltage at Pin 37).
11H
R/W
7:0
00100000
Sync Separator
Sync Separator Threshold. Sets how many internal 5 MHz clock
Threshold
periods the sync separator will count to before toggling high or low.
This should be set to some number greater than the maximum
Hsync or equalization pulsewidth.
12H
R/W
7:0
00000000
Pre-Coast
Pre-Coast. Sets the number of Hsync periods that Coast becomes
active prior to Vsync.
13H
R/W
7:0
00000000
Post-Coast
Post-Coast. Sets the number of Hsync periods that Coast stays
active following Vsync.
14H
RO
7:0
Sync Detect
Bit 7 – Hsync detect. It is set to Logic 1 if Hsync is present on the
analog interface; otherwise it is set to Logic 0.
Bit 6 – AHS: Active Hsync. This bit indicates which analog Hsync
is being used. (Logic 0 = Hsync Input Pin, Logic 1 = Hsync from
Sync-on-Green.)
Bit 5 – Input Hsync Polarity Detect. (Logic 0 = Active Low,
Logic 1 = Active High.)
Bit 4 – Vsync Detect. It is set to Logic 1 if Vsync is present on the
analog interface; otherwise it is set to Logic 0.
Bit 3 – AVS: Active Vsync. This bit indicates which analog Vsync
is being used. (Logic 0 = Vsync Input Pin, Logic 1 = Vsync from
Sync Separator.)
Bit 2 – Output Vsync Polarity Detect. (Logic 0 = Active Low,
Logic 1 = Active High.)
Bit 1 – Sync-on-Green Detect. It is set to Logic 1 if sync is present
on the Green video input; otherwise it is set to 0.
Bit 0 – Input Coast Polarity Detect. (Logic 0 = Active Low, Logic 1 =
Active High.)
15H
R/
W
7:0
1111
****
Test Register
Bits [7:4] Reserved for future use.
****1***
Bit 3 – Must be set to 1 for proper operation.
*****1**
Bit 2 – Must be set to 1 for proper operation.
******1*
Bit 1 – 4:2:2 Output Formatting Mode (Logic 0 = 4:2:2 mode, Logic 1=
4:4:4 mode)
*******1
Bit 0 – Must be set to 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com