Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 5Page - Analog Devices AD9956/PCB Datasheet HTML 6Page - Analog Devices AD9956/PCB Datasheet HTML 7Page - Analog Devices AD9956/PCB Datasheet HTML 8Page - Analog Devices AD9956/PCB Datasheet HTML 9Page - Analog Devices AD9956/PCB Datasheet HTML 10Page - Analog Devices AD9956/PCB Datasheet HTML 11Page - Analog Devices AD9956/PCB Datasheet HTML 12Page - Analog Devices AD9956/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9956
Rev. 0 | Page 9 of 32
LOOP MEASUREMENT CONDITIONS
622 MHz OC-12 Clock
VCO = Sirenza 190-640T
Reference = Wenzel 500-10116 (30.3 MHz)
Loop Filter = 10 kHz BW, 60° Phase Margin
C1 = 170 nF, R1 = 14.4 Ω, C2 = 5.11 µF, R2 = 89.3 Ω,
C3 Omitted
CP_OUT = 4 mA (Scaler = ×8)
÷R = 2, ÷M = 1, ÷N = 1
105 MHz Converter Clock
VCO = Sirenza 190-845T
Reference = Wenzel 500-10116 (30.3 MHz)
Loop Filter = 10 kHz BW, 45° Phase Margin
C1 = 117 nF, R1 = 28 Ω, C2 = 1.6 µF, R2 = 57.1 Ω, C3 = 53.4 nF
CP_OUT = 4 mA (Scaler = ×8)
÷R = 8, ÷M = 1, ÷N = 1
C1
C3
INPUT
OUTPUT
C2
R1
R2
Figure 2. Generic Loop Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com