Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices AD9956/PCB Datasheet HTML 20Page - Analog Devices AD9956/PCB Datasheet HTML 21Page - Analog Devices AD9956/PCB Datasheet HTML 22Page - Analog Devices AD9956/PCB Datasheet HTML 23Page - Analog Devices AD9956/PCB Datasheet HTML 24Page - Analog Devices AD9956/PCB Datasheet HTML 25Page - Analog Devices AD9956/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9956
Rev. 0 | Page 22 of 32
SERIAL PORT OPERATION
An AD9956 serial data-port communication cycle has two
phases. Phase 1 is the instruction cycle, which is the writing of
an instruction byte to the AD9956, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9956 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication cycle.
The Phase 1 instruction byte defines whether the upcoming data
transfer is read or write and the serial address of the
register being accessed.
The first eight SCLK rising edges of each communication cycle
are used to write the instruction byte into the AD9956. The
remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9956
and the system controller. The number of bytes transferred
during Phase 2 of the communication cycle is a function of the
register being accessed. For example, when accessing Control
Function Register 2, which is four bytes wide, Phase 2 requires that
four bytes be transferred. If accessing a frequency tuning word,
which is six bytes wide, Phase 2 requires that six bytes be
transferred. After transferring all data bytes per the instruction,
the communication cycle is completed.
At the completion of any communication cycle, the AD9956
serial port controller expects the next eight rising SCLK edges
to be the instruction byte of the next communication cycle. All
data input to the AD9956 is registered on the rising edge of
SCLK. All data is driven out of the AD9956 on the falling edge
of SCLK. Figure 29 through Figure 32 are useful in understand-
ing the general operation of the AD9956 serial port.
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDI/O
DATA TRANSFER CYCLE
CS
Figure 29. Serial Port Write Timing—Clock Stall Low
I6
I5
I4
I3
I2
I1
I0
DON'T CARE
I7
INSTRUCTION CYCLE
SCLK
SDI/O
DATA TRANSFER CYCLE
DO 5 DO 4 DO 3 DO 2 DO 1
DO 0
DO 7
DO 6
SDO
CS
Figure 30. 3-Wire Serial Port Read Timing—Clock Stall Low
I6
I5
I4
I3
I2
I1
D5
D4
D3
D2
D1
D0
I0
D7
D6
I7
INSTRUCTION CYCLE
SCLK
SDI/O
DATA TRANSFER CYCLE
CS
Figure 31. Serial Port Write Timing—Clock Stall High
I6
I5
I4
I3
I2
I1
DO 5 DO 4 DO 3 DO 2 DO 1 DO 0
I0
DO 7 DO 6
I7
INSTRUCTION CYCLE
SCLK
SDI/O
DATA TRANSFER CYCLE
CS
Figure 32. 2-Wire Serial Port Read Timing—Clock Stall High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com