Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 11Page - Analog Devices AD9956/PCB Datasheet HTML 12Page - Analog Devices AD9956/PCB Datasheet HTML 13Page - Analog Devices AD9956/PCB Datasheet HTML 14Page - Analog Devices AD9956/PCB Datasheet HTML 15Page - Analog Devices AD9956/PCB Datasheet HTML 16Page - Analog Devices AD9956/PCB Datasheet HTML 17Page - Analog Devices AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9956
Rev. 0 | Page 15 of 32
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 16. RF Divider and CML Driver Residual
Phase Noise (840 MHz In, 105 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 17. RF Divider and CML Driver Residual
Phase Noise (1240 MHz In, 155 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 18. RF Divider and CML Driver Residual
Phase Noise (1680 MHz In, 210 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
100M
10M
1M
Figure 19. RF Divider and CML Driver Residual
Phase Noise (2488 MHz In, 622 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–180
–170
10
1k
100
10k
100k
10M
1M
Figure 20. Total System Phase Noise for 105 MHz Converter Clock
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–180
–170
10
1k
100
10k
100k
10M
1M
Figure 21. Total System Phase Noise for 622 MHz OC-12 Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com