Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 21 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 17Page - Analog Devices AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices AD9956/PCB Datasheet HTML 20Page - Analog Devices AD9956/PCB Datasheet HTML 21Page - Analog Devices AD9956/PCB Datasheet HTML 22Page - Analog Devices AD9956/PCB Datasheet HTML 23Page - Analog Devices AD9956/PCB Datasheet HTML 24Page - Analog Devices AD9956/PCB Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9956
Rev. 0 | Page 21 of 32
Automatic Synchronization
In automatic synchronization mode, the device is placed into
slave mode and automatically aligns the internal SYNC_CLK to
a master SYNC_CLK signal, supplied on the SYNC_IN input.
When this bit is enabled, the PLL_LOCK is not available as an
output, however, an out-of-lock condition can be detected by
reading Control Function Register 1 and checking the status of
the PLL_LOCK_ERROR bit, CFR1<24>. The automatic
synchronization function is enabled by setting the Control
Function Register 1 automatic synchronization bit, CFR1<3>.
To employ this function at higher clock rates (SYNC_CLK >
62.5 MHz and SYSCLK > 250 MHz), the high speed sync
enable bit (CFR1<0>) should be set as well.
Manual Synchronization, Hardware Controlled
In this mode, the user controls the timing relationship of the
SYNC_CLK with respect to SYSCLK. When hardware manual
synchronization is enabled, the PLL_LOCK/ SYNC_IN pin
becomes a digital input. For each and every rising edge detected
on the SYNC_IN input, the device advances the SYNC_IN
rising edge by one SYSCLK period. When this bit is enabled, the
PLL_LOCK is not available as an output. However, an out-of-
lock condition can be detected by reading Control Function
Register 1 and checking the status of the PLL Lock Error bit,
CFR1<24>. This synchronization function is enabled by setting
the hardware manual synchronization enable bit, CFR1<1>.
Manual Synchronization, Software Controlled
In this mode, the user controls the timing relationship between
SYNC_CLK and SYSCLK through software programming.
When the software manual synchronization bit (CFR1<2>) is
set high, the SYNC_CLK is advanced by one SYSCLK cycle.
Once this operation is complete, the bit is cleared. The user can
set this bit repeatedly to advance the SYNC_CLK rising edge
multiple times. Because the operation does not use the
PLL_LOCK/ SYNC_IN pin as a SYNC_IN input, the
PLL_LOCK signal can be monitored on the PLL_LOCK pin
during this operation.
SYSCLK DUT 1
SYNC CLK
DUT1
SYNC CLK DUT2 WITHOUT
SYNC_CLK ALIGNED
SYSCLK DUT 2
SYNCHRONIZATION FUNCTIONS CAN ALIGN DIGITAL CLOCK
RELATIONSHIPS, THEY CANNOT DESKEW THE EDGES OF CLOCKS
SYNC CLK DUT2 WITH
SYNC_CLK ALIGNED
01
2
30
01
2
3
3
Figure 28. Synchronization Functions: Capabilities and Limitations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com