Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 24Page - Analog Devices AD9956/PCB Datasheet HTML 25Page - Analog Devices AD9956/PCB Datasheet HTML 26Page - Analog Devices AD9956/PCB Datasheet HTML 27Page - Analog Devices AD9956/PCB Datasheet HTML 28Page - Analog Devices AD9956/PCB Datasheet HTML 29Page - Analog Devices AD9956/PCB Datasheet HTML 30Page - Analog Devices AD9956/PCB Datasheet HTML 31Page - Analog Devices AD9956/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD9956
Rev. 0 | Page 30 of 32
CFR2<28:26> Clock Driver Falling Edge Control
These bits control the slew rate of the CML clock driver output’s
falling edge. When these bits are on, additional current is sent to
the output driver to increase the rising edge slew rate capability.
Table 7 describes how the bits increase the current; the contri-
butions of each bit are cumulative. Note that the additional cur-
rent is on only during the rising edge of the waveform, for ap-
proximately 250 ps, but not on during the entire transition.
Table 7. CML Clock Drive Falling Edge Slew Rate
Control Bits and Associated Surge Current
CFR2<28> = 1
5.4 mA
CFR2<30> = 1
2.7 mA
CFR2<29> = 1
1.35 mA
CFR2<25> PLL_LOCK_DETECT Enable
This bit enables the PLL_LOCK/SYNC_IN pin as a lock detect
output for the PLL.
CFR2<25> = 0 (default).The PLL_LOCK_DETECT signal is
disabled.
CFR2<25> = 1. The PLL_LOCK_DETECT signal is enabled.
CFR2<24> PLL_LOCK_DETECT Mode
This bit toggles the modes of the PLL_LOCK_DETECT func-
tion. The lock detect can either be a status indicator (locked or
unlocked), or it can indicate a lead-lag relationship between the
two phase frequency detector inputs.
CFR2<24> = 0 (default). The lock detect acts as a status indica-
tor (PLL is locked 0 or unlocked 1).
CFR2<24> = 1. The lock detect acts as a lead/lag indicator. A
1 on the PLL_LOCK pin means that the PLLOSC pin lags the
reference. A 0 means that the PLLOSC pin leads the reference.
CFR2<23> RF Divider Power-Down
This bit powers the RF divider down to save power when not in
used.
CFR2<23> = 0 (default). RF divider is on.
CFR2<23> = 1. RF divider is powered down and an alternate
path between the REFCLK inputs and SYSCLK is enabled.
CFR2<22:21> RF Divider Ratio
These two bits control the RF divider ratio (÷R).
CFR2<22:21> = 11 (default). RF Divider R = 8.
CFR2<22:21> = 10. RF Divider R= 4.
CFR2<22:21> = 01. RF Divider R = 2.
CFR2<22:21> = 00. RF Divider R = 1. Note that this is not the
same as bypassing the RF divider.
CFR2<20> Clock Driver Power-Down
This bit powers down the CML clock driver circuit.
CFR2<20> =1 (default). CML clock driver circuit is powered down.
CFR2<20> = 0. CML clock driver is powered up.
CFR2<19:18> Clock Driver Input Select
These bits control the mux on the input for the CML clock driver.
CFR2<19:18> = 00. The CML clock driver is disconnected from
all inputs (and does not toggle).
CFR2<19:18> = 01. The CML clock driver is driven by the
PLLOSC input pin.
CFR2<19:18> = 10 (default). The CML clock driver is driven by
the output of the RF divider.
CFR2<19:18> = 11. The CML clock driver is driven by the input
of the RF divider
CFR2<17> Slew Rate Control Bit
Even without the additional surge current supplied by the rising
edge slew rate control bits and the falling edge slew rate control
bits, the device applies a default 7.6 mA surge current to the
rising edge and a 4.05 mA surge current to the falling edge. This
bit disables all slew rate enhancement surge current, including
the default values.
CFR2<17> = 0 (default). The CML driver applies default surge
current to rising and falling edges.
CFR2<17> = 1. Driver applies no surge current during transi-
tions. The only current is the continuous current.
CFR2<16> RF Divider SYSCLK Mux Bit
This bit toggles the mux to control whether the RF divider out-
put or input is supplying SYSCLK to the device.
CFR2<16> = 0 (default). The RF divider output supplies the
DDS SYSCLK.
CFR2<16> = 1. The RF divider input supplies the DDS SYSCLK
(bypass the divider). Note that regardless of the condition of the
configuration of the clock input, the DDS SYSCLK must not
exceed the maximum rated clock speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com