Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 24Page - Analog Devices AD9956/PCB Datasheet HTML 25Page - Analog Devices AD9956/PCB Datasheet HTML 26Page - Analog Devices AD9956/PCB Datasheet HTML 27Page - Analog Devices AD9956/PCB Datasheet HTML 28Page - Analog Devices AD9956/PCB Datasheet HTML 29Page - Analog Devices AD9956/PCB Datasheet HTML 30Page - Analog Devices AD9956/PCB Datasheet HTML 31Page - Analog Devices AD9956/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9956
Rev. 0 | Page 29 of 32
CFR1<3> = 0 (default). The automatic synchronization function
of the DDS core is disabled.
CFR1<3> = 1. The automatic synchronization function is on.
The device is slaved to an external reference and adjusts the
internal SYNC_CLK to match the external reference, which is
supplied on the SYNC_IN input.
CFR1<2> Software Manual Synchronization
Rather than relying on the part to automatically synchronize the
internal clocks, the user can program the part to advance the
internal SYNC_CLK one system clock cycle. This bit is self
clearing and can be set multiple times.
CFR1<2> = 0 (default). The SYNC_CLK stays in the current
timing relationship to SYSCLK.
CFR1<2> = 1. The SYNC_CLK advances the rising and falling
edges by one SYSCLK cycle. This bit is then self-cleared.
CFR1<1> Hardware Manual Synchronization
Similar to the software manual synchronization (CFR1<2>),
this function enables the user to advance the SYNC_CLK rising
edge by one system clock period. This bit enables the
PLL_LOCK/SYNC_IN pin as a digital input. Once enabled,
every rising edge on the SYNC_IN input advances the
SYNC_CLK by one SYSCLK period. While enabled, the
PLL_LOCK signal is not available on an external pin. However,
loop out-of-lock events trigger a flag in the control register
(CFR1<24>).
CFR1<1> = 0 (default). The hardware manual synchronization
function is disabled. Either the part is outputting the
PLL_LOCK (CFR1<3> = 0), or it is using the SYNC_IN to slave
the SYNC_CLK signal to an external reference provided on
SYNC_IN (CFR1<3> = 1).
CFR1<1> = 1. PLL_LOCK/SYNC_IN is set as a digital input.
Each subsequent rising edge on this pin advances the
SYNC_CLK rising edge by one SYSCLK period.
CFR1<0> High Speed Synchronization Enable Bit
This bit enables extra functionality in the auto synchronization
algorithm, which enables the device to synchronize high speed
clocks (SYNC_CLK > 62.5 MHz).
CFR1<0> = 0 (default). High speed synchronization is disabled.
CFR1<0> = 1. High speed synchronization is enabled.
Control Function Register 2 (CFR2)
This control register is comprised of five bytes, which must be
written during a write operation involving CFR2. With some
minor exceptions, the CFR2 primarily controls analog and tim-
ing functions on the AD9956.
CFR2<39> DAC Power-Down Bit
This bit powers down the DAC portion of the AD9956 and puts
it into the lowest power dissipation state.
CFR2<39> = 0 (default). DAC is powered on and operating.
CFR2<39> = 1. DAC is powered down and the output is in a
high impedance state.
CFR2<38> to CFR2<34> Open
Unused locations. Write a Logic 0.
CFR2<33> Internal Band Gap Power-Down
To shut off all internal quiescent current, the band gap needs to
be powered down. This is normally not done because it takes a
long time (~10 ms) for the band gap to power up and settle to
its final value.
CFR2<33> = 0. Even when all other sections are powered down,
the band gap is powered up and is providing a regulated voltage.
CFR2<33> = 1. The band gap is powered down.
CFR2<32> Internal CML Driver DRV_RSET
To program the CML driver’s output current, a resistor
must be placed between the DRV_RSET pin and ground. This
bit enables an internal resistor to program the output current of
the driver.
CFR2<32> = 0 (default). The DRV_RSET pin is enabled,
and an external resistor must be attached to the CP_RSET pin
to program the output current.
CFR2<32> = 1. The CML current is programmed by the inter-
nal resistor and ignores the resistor on the DRV_REST pin.
CFR2<31:29> Clock Driver Rising Edge
These bits control the slew rate of the CML clock driver output’s
rising edge. When these bits are on, additional current is sent to
the output driver to increase the rising edge slew rate capability;
the contributions of each bit are cumulative. Table 6 describes
how the bits increase the current. Note that the additional cur-
rent is on only during the rising edge of the waveform for ap-
proximately 250 ps, but not on during the entire transition.
Table 6. CML Clock Driver Rising Edge Slew Rate
Control Bits and Associated Surge Current
CFR2<31> = 1
7.6 mA
CFR2<30> = 1
3.8 mA
CFR2<29> = 1
1.9 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com