Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 15Page - Analog Devices AD9956/PCB Datasheet HTML 16Page - Analog Devices AD9956/PCB Datasheet HTML 17Page - Analog Devices AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices AD9956/PCB Datasheet HTML 20Page - Analog Devices AD9956/PCB Datasheet HTML 21Page - Analog Devices AD9956/PCB Datasheet HTML 22Page - Analog Devices AD9956/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9956
Rev. 0 | Page 19 of 32
CML DRIVER
For clocking applications, an on-chip current mode logic
(CML) driver is included. This CML driver generates very low
jitter clock edges. The outputs of the CML driver are current
outputs and drives PECL levels when terminated into a 100 Ω
load. The base output current of the driver is programmed by
attaching a resistor from the DRV_RSET pin to ground (nomi-
nally 4.02 kΩ for a continuous current of 7.2 mA). An optional
on-chip current programming resistor is enabled by setting a bit
in the control register. The rising edge and falling edge slew
rates are independently programmable to help control over-
shoot and ringing through the application of surge current
during rising edge transitions and falling edge transitions (see
Figure 27). There is a default surge current of 7.6 mA on the
rising edge and 4.05 mA on the falling edge. Bits in the control
register enable additional rising edge and falling edge surge
current, as well disable the default surge current (see the
Control Function Register Descriptions section for details). The
CML driver can be driven by the
•
RF divider input
•
RF divider output
•
PLLOSC input
I(t)
t
~250ps
~250ps
RISING EDGE SURGE
CONTINUOUS
FALLING EDGE SURGE
CONTINUOUS
Figure 27. Rising Edge and Falling Edge Surge Current Output of the
CML Clock Driver, as Opposed to the Steady State Continuous Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com