Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9956/PCB
Description  2.7 GHz DDS-Based AgileRF
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9956/PCB Datasheet HTML 12Page - Analog Devices AD9956/PCB Datasheet HTML 13Page - Analog Devices AD9956/PCB Datasheet HTML 14Page - Analog Devices AD9956/PCB Datasheet HTML 15Page - Analog Devices AD9956/PCB Datasheet HTML 16Page - Analog Devices AD9956/PCB Datasheet HTML 17Page - Analog Devices AD9956/PCB Datasheet HTML 18Page - Analog Devices AD9956/PCB Datasheet HTML 19Page - Analog Devices AD9956/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9956
Rev. 0 | Page 16 of 32
TYPICAL APPLICATION CIRCUITS
DAC
PLLREF
PLLOSC
CP_OUT
DDS
÷N
÷M
÷R
LPF
VCO
CML
DRIVER
PHASE FREQUENCY
DETECTOR/CHARGE PUMP
25MHz
CRYSTAL
400MHz
CLOCK1
CLOCK1
′
AD9956
LPF
Figure 22. Dual-Clock Configuration
PLLREF
PLLOSC
CP_OUT
DDS
÷R
VCO
AD9956
LPF
LPF
DAC
Figure 23. Fractional-Divider Loop
PLLREF
PLLOSC
CP_OUT
DDS
÷R
VCO
AD9956
LPF
DAC
÷N
CML
DRIVER
2.5GHz
TONE
8-LEVEL FSK
(FC = 100MHz)
BPF
BPF
25MHz
CRYSTAL
Figure 24. LO and Baseband Modulation Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com