Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 21Page - National Semiconductor (TI) DP8390DN Datasheet HTML 22Page - National Semiconductor (TI) DP8390DN Datasheet HTML 23Page - National Semiconductor (TI) DP8390DN Datasheet HTML 24Page - National Semiconductor (TI) DP8390DN Datasheet HTML 25Page - National Semiconductor (TI) DP8390DN Datasheet HTML 26Page - National Semiconductor (TI) DP8390DN Datasheet HTML 27Page - National Semiconductor (TI) DP8390DN Datasheet HTML 28Page - National Semiconductor (TI) DP8390DN Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
RECEIVE CONFIGURATION REGISTER (RCR)
0CH (WRITE)
This register determines operation of the NIC during reception of a packet and is used to program what types of packets to
accept
76543210
MON
PRO
AM
AB
AR
SEP
Bit
Symbol
Description
D0
SEP
SAVE ERRORED PACKETS
0 Packets with receive errors are rejected
1 Packets with receive errors are accepted Receive errors are CRC and Frame
Alignment errors
D1
AR
ACCEPT RUNT PACKETS
This bit allows the receiver to accept packets that
are smaller than 64 bytes The packet must be at least 8 bytes long to be
accepted as a runt
0 Packets with fewer than 64 bytes rejected
1 Packets with fewer than 64 bytes accepted
D2
AB
ACCEPT BROADCAST
Enables the receiver to accept a packet with an all 1’s
destination address
0 Packets with broadcast destination address rejected
1 Packets with broadcast destination address accepted
D3
AM
ACCEPT MULTICAST
Enables the receiver to accept a packet with a multicast
address all multicast addresses must pass the hashing array
0 Packets with multicast destination address not checked
1 Packets with multicast destination address checked
D4
PRO
PROMISCUOUS PHYSICAL
Enables the receiver to accept all packets with a
physical address
0 Physical address of node must match the station address programmed in
PAR0 – PAR5
1 All packets with physical addresses accepted
D5
MON
MONITOR MODE
Enables the receiver to check addresses and CRC on
incoming packets without buffering to memory The Missed Packet Tally counter
will be incremented for each recognized packet
0 Packets buffered to memory
1 Packets checked for address match good CRC and Frame Alignment but not
buffered to memory
D6
reserved
reserved
D7
reserved
reserved
Note
D2 and D3 are ‘‘OR’d’’ together ie if D2 and D3 are set the NIC will accept broadcast and multicast addresses as well as its own physical address To
establish full promiscuous mode bits D2 D3 and D4 should be set In addition the multicast hashing array must be set to all 1’s in order to accept all multicast
addresses
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com