Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8390DN Datasheet HTML 1Page - National Semiconductor (TI) DP8390DN Datasheet HTML 2Page - National Semiconductor (TI) DP8390DN Datasheet HTML 3Page - National Semiconductor (TI) DP8390DN Datasheet HTML 4Page - National Semiconductor (TI) DP8390DN Datasheet HTML 5Page - National Semiconductor (TI) DP8390DN Datasheet HTML 6Page - National Semiconductor (TI) DP8390DN Datasheet HTML 7Page - National Semiconductor (TI) DP8390DN Datasheet HTML 8Page - National Semiconductor (TI) DP8390DN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
TLF8582
July 1995
DP8390DNS32490D NIC Network Interface Controller
General Description
The DP8390DNS32490D Network Interface Controller
(NIC) is a microCMOS VLSI device designed to ease inter-
facing with CSMACD type local area networks including
Ethernet Thin Ethernet (Cheapernet) and StarLAN The
NIC implements all Media Access Control (MAC) layer func-
tions for transmission and reception of packets in accord-
ance with the IEEE 8023 Standard Unique dual DMA chan-
nels and an internal FIFO provide a simple yet efficient
packet management design To minimize system parts
count and cost all bus arbitration and memory support logic
are integrated into the NIC
The NIC is the heart of a three chip set that implements the
complete IEEE 8023 protocol and node electronics as
shown below The others include the DP8391 Serial Net-
work Interface (SNI) and the DP8392 Coaxial Transceiver
Interface (CTI)
Features
Y
Compatible with IEEE 8023Ethernet IIThin Ethernet
StarLAN
Y
Interfaces with 8- 16- and 32-bit microprocessor
systems
Y
Implements simple versatile buffer management
Y
Requires single 5V supply
Y
Utilizes low power microCMOS process
Y
Includes
Two 16-bit DMA channels
16-byte internal FIFO with programmable threshold
Network statistics storage
Y
Supports physical multicast and broadcast address
filtering
Y
Provides 3 levels of loopback
Y
Utilizes independent system and network clocks
Table of Contents
10 SYSTEM DIAGRAM
20 BLOCK DIAGRAM
30 FUNCTIONAL DESCRIPTION
40 TRANSMITRECEIVE PACKET ENCAPSULATION
DECAPSULATION
50 PIN DESCRIPTIONS
60 DIRECT MEMORY ACCESS CONTROL (DMA)
70 PACKET RECEPTION
80 PACKET TRANSMISSION
90 REMOTE DMA
100 INTERNAL REGISTERS
110 INITIALIZATION PROCEDURES
120 LOOPBACK DIAGNOSTICS
130 BUS ARBITRATION AND TIMING
140 PRELIMINARY ELECTRICAL CHARACTERISTICS
150 SWITCHING CHARACTERISTICS
160 PHYSICAL DIMENSIONS
10 System Diagram
IEEE 8023 Compatible EthernetThin Ethernet Local Area Network Chip Set
TLF8582 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8390DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
More results

Similar Description - DP8390DN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP83916 NSC-DP83916 Datasheet
1Mb / 96P
SONICTM-16 Systems-Oriented Network Interface Controller
logo
Integrated Device Techn...
IDT77904C IDT-IDT77904C Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
NICStAR??Reference Design 155Mbps Network Interface Card NIC
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
logo
fujitsu semiconductor
MB86960 FUJITSU-MB86960 Datasheet
461Kb / 65P
NETWORK INTERFACE CONTROLLER with ENCODER/DECODER (NICE)
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
logo
Xilinx, Inc
DS543 XILINX-DS543 Datasheet
442Kb / 24P
MOST Network Interface Controller v1.4
logo
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com