Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 41Page - National Semiconductor (TI) DP8390DN Datasheet HTML 42Page - National Semiconductor (TI) DP8390DN Datasheet HTML 43Page - National Semiconductor (TI) DP8390DN Datasheet HTML 44Page - National Semiconductor (TI) DP8390DN Datasheet HTML 45Page - National Semiconductor (TI) DP8390DN Datasheet HTML 46Page - National Semiconductor (TI) DP8390DN Datasheet HTML 47Page - National Semiconductor (TI) DP8390DN Datasheet HTML 48Page - National Semiconductor (TI) DP8390DN Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
150 Switching Characteristics (Continued)
DMA Memory Read
TLF8582 – 82
Symbol
Parameter
Min
Max
Units
bcrl
Bus Clock to Read Strobe Low
43
ns
bcrh
Bus Clock to Read Strobe High
40
ns
ds
Data Setup to Read Strobe High
25
ns
dh
Data Hold from Read Strobe High
0
ns
drw
DMA Read Strobe Width Out
2 bcyc b 15
ns
raz
Memory Read High to Address TRI-STATE
bch a 40
ns
(Notes 1 2)
asds
Address Strobe to Data Strobe
bcl a 10
ns
dsada
Data Strobe to Address Active
bcyc b 10
ns
avrh
Address Valid to Read Strobe High
3 bcyc b 15
ns
Note 1
During a burst A8–A15 are not TRI-STATE if byte wide transfers are selected On the last transfer A8–A15 are TRI-STATE as shown above
Note 2
These limits include the RC delay inherent in our test method These signals typically turn off within bch a 15 ns enabling other devices to drive these
lines with no contention
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com