Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 45Page - National Semiconductor (TI) DP8390DN Datasheet HTML 46Page - National Semiconductor (TI) DP8390DN Datasheet HTML 47Page - National Semiconductor (TI) DP8390DN Datasheet HTML 48Page - National Semiconductor (TI) DP8390DN Datasheet HTML 49Page - National Semiconductor (TI) DP8390DN Datasheet HTML 50Page - National Semiconductor (TI) DP8390DN Datasheet HTML 51Page - National Semiconductor (TI) DP8390DN Datasheet HTML 52Page - National Semiconductor (TI) DP8390DN Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
150 Switching Characteristics (Continued)
Remote DMA (Read Send Command) Recovery Time
TLF8582 – 85
Symbol
Parameter
Min
Max
Units
bpwrl
Bus Clock to Port Write Low
43
ns
bpwrh
Bus Clock to Port Write High
40
ns
prqh
Port Write High to Port
30
ns
Request High (Note 1)
prql
Port Request Low from
45
ns
Read Acknowledge High
rakw
Remote Acknowledge
20
ns
Read Strobe Pulse Width
rhpwh
Read Acknowledge High to
Next Port Write Cycle
11
BUSCK
(Notes 234)
Note 1
Start of next transfer is dependent on where RACK is generated relative to BSCK and whether a local DMA is pending
Note 2
This is not a measured value but guaranteed by design
Note 3
RACK must be high for a minimum of 7 BUSCK
Note 4
Assumes no local DMA interleave no CS and immediate BACK
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com