Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 33Page - National Semiconductor (TI) DP8390DN Datasheet HTML 34Page - National Semiconductor (TI) DP8390DN Datasheet HTML 35Page - National Semiconductor (TI) DP8390DN Datasheet HTML 36Page - National Semiconductor (TI) DP8390DN Datasheet HTML 37Page - National Semiconductor (TI) DP8390DN Datasheet HTML 38Page - National Semiconductor (TI) DP8390DN Datasheet HTML 39Page - National Semiconductor (TI) DP8390DN Datasheet HTML 40Page - National Semiconductor (TI) DP8390DN Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
130 Bus Arbitration and Timing (Continued)
SLAVE MODE TIMING
When CS is low the NIC becomes a bus slave The CPU
can then read or write any internal registers All register
access is byte wide The timing for register access is shown
below The host CPU accesses internal registers with four
address
lines
RA0 – RA3
SRD
and
SWR
strobes
ADS0 is used to latch the address when interfacing to a
multiplexed address data bus Since the NIC may be a local
bus master when the host CPU attempts to read or write to
the controller an ACK line is used to hold off the CPU until
the NIC leaves master mode Some number of BSCK cycles
is also required to allow the NIC to synchronize to the read
or write cycle
Write to Register
TLF8582 – 74
Read from Register
TLF8582 – 75
TIME BETWEEN CHIP SELECTS
The NIC requires that successive chip selects be no closer
than 4 bus clocks (BSCK) together below If the condition is
violated the NIC may glitchACK CPUs that operate from
pipelined instructions (ie
386) or have a cache (ie
486) can execute consecutive IO cycles very quickly The
solution is to delay the execution of consecutive IO cycles
by either breaking the pipeline or forcing the CPU to access
outisde it’s cache
Time between Chip Selects
TLF8582 – A1
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com