Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390DN Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390DN
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390DN Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DP8390DN Datasheet HTML 10Page - National Semiconductor (TI) DP8390DN Datasheet HTML 11Page - National Semiconductor (TI) DP8390DN Datasheet HTML 12Page - National Semiconductor (TI) DP8390DN Datasheet HTML 13Page - National Semiconductor (TI) DP8390DN Datasheet HTML 14Page - National Semiconductor (TI) DP8390DN Datasheet HTML 15Page - National Semiconductor (TI) DP8390DN Datasheet HTML 16Page - National Semiconductor (TI) DP8390DN Datasheet HTML 17Page - National Semiconductor (TI) DP8390DN Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
90 Remote DMA (Continued)
2 Issue the ‘‘dummy’’ Remote Read command
3 Read the Current Remote DMA Address (CRDA) (both
bytes)
4 Compare to previous CRDA value if different go to 6
5 Delay and jump to 3
6 Set up for the Remote Write command by setting the
Remote Byte Count and the Remote Start Address (note
that if the Remote Byte count in step 1 can be set to the
tramsmit byte count plus one and the Remote Start Ad-
dress to one less these will now be incremented to the
correct values)
7 Issue the Remote Write command
FIFO AND BUS OPERATIONS
Overview
To accommodate the different rates at which data comes
from (or goes to) the network and goes to (or comes from)
the system memory the NIC contains a 16-byte FIFO for
buffering data between the bus and the media The FIFO
threshold is programmable allowing filling (or emptying) the
FIFO at different rates When the FIFO has filled to its pro-
grammed threshold the local DMA channel transfers these
bytes (or words) into local memory It is crucial that the local
DMA is given access to the bus within a minimum bus laten-
cy time otherwise a FIFO underrun (or overrun) occurs
To understand FIFO underruns or overruns there are two
causes which produce this condition
1) the bus latency is so long that the FIFO has filled (or
emptied) from the network before the local DMA has
serviced the FIFO
2) the bus latency or bus data rate has slowed the through-
put of the local DMA to point where it is slower than the
network data rate (10 Mbs) This second condition is
also dependent upon DMA clock and word width (byte
wide or word wide)
The worst case condition ultimately limits the overall bus
latency which the NIC can tolerate
FIFO Underrun and Transmit Enable
During transmission if a FIFO underrun occurs the Trans-
mit enable (TXE) output may remain high (active) Generally
this will cause a very large packet to be transmitted onto the
network The jabber feature of the transceiver will terminate
the transmission and reset TXE
To prevent this problem a properly designed system will not
allow FIFO underruns by giving the NIC a bus acknowledge
within time shown in the maximum bus latency curves
shown and described later
FIFO at the Beginning of Receive
At the beginning of reception the NIC stores entire Address
field of each incoming packet in the FIFO to determine
whether the packet matches its Physical Address Registers
or maps to one of its Multicast Registers This causes the
FIFO to accumulate 8 bytes Furthermore there are some
synchronization delays in the DMA PLA Thus the actual
time that BREQ is asserted from the time the Start of Frame
Delimiter (SFD) is detected is 78 ms This operation affects
the bus latencies at 2 and 4 byte thresholds during the first
receive BREQ since the FIFO must be filled to 8 bytes (4
words) before issuing a BREQ
FIFO Operation at the End of Receive
When Carrier Sense goes low the NIC enters its end of
packet processing sequence emptying its FIFO and writing
the status information at the beginning of the packet figure
below This NIC holds onto the bus for the entire sequence
The longest time BREQ may be extended occurs when a
packet ends just as the NIC performs its last FIFO burst
The NIC in this case performs a programmed burst transfer
followed by flushing the remaining bytes in the FIFO and
completes by writing the header information to memory The
following steps occur during this sequence
1) NIC issues BREQ because the FIFO threshold has been
reached
2) During the burst packet ends resulting in BREQ extend-
ed
3) NIC flushes remaining bytes from FIFO
4) NIC performs internal processing to prepare for writing
the header
5) NIC writes 4-byte (2-word) header
6) NIC deasserts BREQ
TLF8582 – 97
End of Packet Processing
End of Packet Processing (EOPP) times for 10 MHz and
20 MHz have been tabulated in the table below
End of Packet Processing Times for Various FIFO
Thresholds Bus Clocks and Transfer Modes
Mode
Threshold
Bus Clock
EOPP
Byte
2 bytes
70 ms
4 bytes
10 MHz
86 ms
8 bytes
110 ms
Byte
2 bytes
36 ms
4 bytes
20 MHz
42 ms
8 bytes
50 ms
Word
2 bytes
54 ms
4 bytes
10 MHz
62 ms
8 bytes
74 ms
Word
2 bytes
30 ms
4 bytes
20 MHz
32 ms
8 bytes
36 ms
Threshold Detection (Bus Latency)
To assure that no overwriting of data in the FIFO the FIFO
logic flags a FIFO overrun as the 13th byte is written into the
FIFO effectively shortening the FIFO to 13 bytes The FIFO
logic also operates differently in Byte Mode and in Word
Mode In Byte Mode a threshold is indicated when the na1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com